Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5178F Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # PFS5178F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5178F Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button PFS5178F Datasheet HTML 2Page - Power Integrations, Inc. PFS5178F Datasheet HTML 3Page - Power Integrations, Inc. PFS5178F Datasheet HTML 4Page - Power Integrations, Inc. PFS5178F Datasheet HTML 5Page - Power Integrations, Inc. PFS5178F Datasheet HTML 6Page - Power Integrations, Inc. PFS5178F Datasheet HTML 7Page - Power Integrations, Inc. PFS5178F Datasheet HTML 8Page - Power Integrations, Inc. PFS5178F Datasheet HTML 9Page - Power Integrations, Inc. PFS5178F Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Rev. C 03/22
6
PFS5173-5178/5274
www.power.com
In certain cases, where valley switching is not possible, such as
during operation in CCM, or when the amplitude of oscillations of the
drain voltage becomes too small, the controller enables the No Valley
Switching (NVS) mode. In this condition, the controller does not wait
for the valley to appear. When the volt-second integration circuit
requests a turn-on, it immediately turns on the PowiGaN switch.
Valley Correction
Valley correction reduces the input current distortion coming from the
valley switching operation in discontinuous mode (DCM). Valley
correction is enabled in DCM operation when more than one valley is
detected.
In a DCM PFC converter with valley switching, the PowiGaN switch
can be turned on only at the V
DS valley instants. The relaxation
frequency of the V
DS voltage ring is ≤ 1 MHz, which means that the
time between two valleys are more than 1 µs apart. There is a delay
between the instant when the OFF controller requests the turn-on
and the point when the PowiGaN power switch is actually turned on.
This delay changes the average input current from what was
originally requested by the controller, and the input current becomes
distorted. The deviation in average cycle current from the desired
current is proportional to this delay. In such cases, the switching
period instantly changes by a significant value (could be in the range
of 1 µs) and distortion of the input current is the most pronounced.
Controller Supplying Circuitry
Parts Without Self-Supply Circuit
Parts without the self-supply circuit are supplied only through the
BIAS POWER (VCC) pin. Inside the IC there is a linear regulator
between the VCC pin and the VDR pin. This linear regulator regulates
the voltage on the VDR pin to 5.25 V.
The voltage on the VDR pin is used to supply the internal controller.
A decoupling capacitor is connected to the VDR pin to provide a low
high-frequency impedance path to ground.
Parts With the Self-Supply Circuit
Parts with the self-supply feature generate the internal supply voltage
for the control circuitry. The converter operates with the control
circuitry being supplied through the internal PowiGaN until the
voltage on the VCC pin form the external bias circuit is established.
Once the voltage on the VCC pin appears, and is greater than the
minimum voltage needed to operate the internal linear regulator
(VCC > 7 V), the internal linear regulator will start supplying the
control circuitry and disable the self-supply circuit.
Start-Up With Pin-to-Pin Short-Circuit Protection
At start-up and prior to the commencement of switching, the engine
performs a sequence of operational pin short/open checks, as shown
in Figure 6. If no faults are detected, when the input voltage peak is
above the brown-in threshold, the engine enables switching.
The OTA error amplifier provides a non-linear amplifier (NLA)
mechanism to overcome the inherently slow feedback loop response
when the sensed output voltage on the FEEDBACK pin is outside its
regulation window. This allows the error amplifier function to limit
the maximum overshoot and undershoot during load transient events.
To reduce switch and output diode current stress at start-up, the
HiperPFS-5 calculates the off-time based on the output voltage (V
O)
during start-up, resulting in a soft controlled start-up.
Additionally, the Over-Current Protection (OCP) threshold is ramped
up from 60% to 100% of its nominal value. This reduces flux swing
in the PFC inductor if the control loop requires larger duty cycle.
At power-up, the controller first determines whether the appropriate
supply voltage is applied by checking that the voltage on the VDR pin
is greater than the VDR
UV+ threshold. Once the voltage on the VDR
pin is above the VDR
UV+ threshold, pin open/short tests are
performed, and if the FEEDBACK pin voltage is valid, the over-
temperature status is confirmed to be false.
Once these checks are confirmed, the input voltage is monitored via
the VOLTAGE MONITOR pin until it exceeds the VBR+ threshold (but
the peak detector is not saturated). This is the point at which the
value of the resistor on the POWER SELECTION (PS) pin is determined
and the maximum output power is set. After the maximum power is
determined the switching is enabled.
Yes
Yes
Yes
Yes
Yes
No
No
Yes
Yes
No
No
No
VDR > VDRUV+
(C > 2.5 V) or
Feedback < FBOFF
Reference
Capacitor
Valid?
OTP Fault
Peak Valid and
Peak > VBR+
Feedback > FBOFF
Capacitor Reset
Short C to G
for 230 µs
Remove Current
Source on C Pin,
Short C to G
Apply Current to C Pin
for 65 µs
Remove Short
on C Pin
Remove C to G Short,
Start Switching
PI-9537-021522
Start
Figure 6. Start-up Flow Chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com