Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS5178F Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # PFS5178F
Description  PFC Controller with Integrated 750 V PowiGaN Optimized for High PF and Efficiency Across Load Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS5178F Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button PFS5178F Datasheet HTML 6Page - Power Integrations, Inc. PFS5178F Datasheet HTML 7Page - Power Integrations, Inc. PFS5178F Datasheet HTML 8Page - Power Integrations, Inc. PFS5178F Datasheet HTML 9Page - Power Integrations, Inc. PFS5178F Datasheet HTML 10Page - Power Integrations, Inc. PFS5178F Datasheet HTML 11Page - Power Integrations, Inc. PFS5178F Datasheet HTML 12Page - Power Integrations, Inc. PFS5178F Datasheet HTML 13Page - Power Integrations, Inc. PFS5178F Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Rev. C 03/22
10
PFS5173-5178/5274
www.power.com
Selectable Power Limit
The PS (Power Selection) pin is used to program the output power of
the HiperPFS-5. The power is programmed with a resistor connected
to the G pin, in 10% steps, between 70% to 100% of the nominal
output power.
Turns Ratio For Auxiliary Winding
The VS pin is connected to the auxiliary winding of the PFC inductor
through a resistor to detect the valley switching. This resistor can
adjust the proper delay for a given application so that the turn-on of
the PowiGaN happens at the valley of the voltage on the DRAIN pin.
The delay depends on the resistance of this resistor and the effective
capacitance on the VS pin. If the resistor is closer to the VS pin, the
effective capacitance on the VS pin is smaller with a shorter delay.
Resistor (Ohms)
Power Selection
Comments
>400 k
100%
Leaving pin open is acceptable
100 k – 200 k
90%
25 k – 50 k
80%
<6 k
70%
Connecting pin short to G node is acceptable
Protection Modes
Brown-In Protection
The VOLTAGE MONITOR pin has an input line undervoltage detection
feature to limit the minimum start-up voltage. This detection
threshold will inhibit the device from starting at input voltages below
brown-in point and above input peak voltages of 400 V
PK.
Brown-Out Protection
The VOLTAGE MONITOR pin features a brown-out protection mode
whereby the HiperPFS-5 will turn-off when the VOLTAGE MONITOR
pin voltage is below the line undervoltage threshold (VBR-) for a
period exceeding t
BRWN_OUT (brown-out debounce period). In the event
that a single half-line cycle is assuming (normal operating line
frequency is in the range of 47 Hz to 63 Hz) the brown-out protection
feature will not be activated.
Once brown-out has been triggered, the HiperPFS-5 IC’s soft-
shutdown gradually reduces the internal error-voltage to zero over a
period of 1 ms which ramps the power PowiGaN on-time to zero. The
onset of this soft-shutdown is aligned to the next line cycle zero
crossing to minimize reactive component di/dt transients and allow
time for the energy stored within the boost choke as well as the input
EMI filter to dissipate. This helps minimize voltage transients after
the bridge rectifier and prevent false restarts.
The device will enter an auto-restart, including FMEA pin fault checks
and other start-up qualifications prior to checking that the line voltage
is above the brown-in threshold (VOLTAGE MONITOR pin voltage
above V
BR+).
After a brown-in event, and once the t
STARTUP timer expires, the line
voltage brown-out threshold is reduced to V
BR-NTC and the brown-out
timer is extended to t
BRWN_OUT_NTC to allow for the drop in line voltage
caused by the voltage drop across not due to an in-rush limiting
negative temperature coefficient (NTC) thermistor in series with the
input line.
If the t
BRWN_OUT_NTC debounce timer is triggered by the sensed line
voltage dropping below the V
BR-NTC threshold but the line voltage
recovers to above the V
BR-NTC threshold before the tBRWN_OUT_NTC expires,
Table 2.
Power Programming Resistances (Resistor between PS pin and G pin).
then the t
STARTUP timer will be re-started. If the line does not recover
above the V
BR-NTC threshold before the tBRWN_OUT_NTC debounce timer
expires a shutdown will occur.
After the t
STARTUP timer has expired, if the VOLTAGE MONITOR pin
voltage rises above V
BR-NTC, the brown-out debounce timer will switch
to normal period (t
BRWN_OUT) and the brown-out threshold will switch to
V
BR-. If the VOLTAGE MONITOR pin voltage is not above VBR- after the
subsequent t
BRWN_OUT timer has expired then a brown-out shutdown
will occur.
HiperPFS-5 IC’s incorporates input waveform discrimination to
determine if the line signal peak-to-average voltage ratio is
representative of a sine wave or a high-duty-cycle square wave.
The brown-out threshold is reduced to V
BR_SQ when a high duty cycle
(UPS) square wave is detected.
VCC Undervoltage Protection (UVLO)
The BIAS POWER (VCC) pin has an under-voltage lock-out protection
which inhibits the IC from starting unless the applied VCC voltage is
above the VCC
UVLO+ threshold.
The IC initiates a start-up once the BIAS POWER pin voltage exceeds
the VCC
UVLO+ threshold. After start-up the IC will continue to operate
until the BIAS POWER pin voltage has fallen below the VCC
UVLO- level.
Line Dependent Over-Current Protection (OCP)
The device includes a cycle-by-cycle over-current protection
mechanism which protects the device in the event of a fault. The
OCP circuit protects the internal power switch. This intends to protect
the converter from output short-circuit or overload fault conditions.
The OCP limit is set as a function of the input line voltage. This helps
to restrict power limit due to short-circuits as well as minimize the
stress on the switch due to current overloads at higher input line
conditions.
Figure 13 below illustrates the hysteretic adjustment of the OCP
levels as a function of VOLTAGE MONITOR pin line sense.
Oppositely, if the resistor is put far from the VS pin, then the effective
capacitance on the VS pin is larger with a longer delay. The initial
design recommended value for the resistor is 10 KΩ and put this
resistor close to VS pin.
The maximum turn ratio (N
MAX) of auxiliary winding is calculated as
N
MAX = (VOMIN ‒ VACPEAK)/ VVS1. Here, the VOMIN is minimum output
voltage considering the ripple tolerance. If V
O = 400 V and assuming
3% tolerance, the V
OMIN is 388 V; VACPEAK is the peak voltage of
maximum high-line input. For universal AC input, V
ACPEAK =
√2 × 265 ≈ 375 V; V
VS1 is the valley sensing positive threshold with
typical value 0.88 V. From the above equation, it can calculate the
maximum turn ratio (N
MAX) is about 15. The recommended turns ratio
for auxiliary winding is ranged from 10 to 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com