Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7624C Datasheet(PDF) 29 Page - Power Integrations, Inc.

Part # PFS7624C
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7624C Datasheet(HTML) 29 Page - Power Integrations, Inc.

Back Button PFS7624C Datasheet HTML 25Page - Power Integrations, Inc. PFS7624C Datasheet HTML 26Page - Power Integrations, Inc. PFS7624C Datasheet HTML 27Page - Power Integrations, Inc. PFS7624C Datasheet HTML 28Page - Power Integrations, Inc. PFS7624C Datasheet HTML 29Page - Power Integrations, Inc. PFS7624C Datasheet HTML 30Page - Power Integrations, Inc. PFS7624C Datasheet HTML 31Page - Power Integrations, Inc. PFS7624C Datasheet HTML 32Page - Power Integrations, Inc. PFS7624C Datasheet HTML 33Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Rev. F 08/20
29
PFS7x23-7x29/7633-7636
www.power.com
NOTES:
A. Not tested parameter. Guaranteed by design.
B. Tested in typical Boost PFC application circuit.
C. Normally limited by internal circuitry.
D. Based on device characterization.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Qspeed Diode (3A) PFS7723-7729
DC Characteristics
Reverse Current
I
R
V
R = 600 V
T
J(D) = 25 °C
-
500
mA
T
J(D) = 100 °C
0.25
-
mA
Forward Voltage
V
F
I
F = 3 A
T
J(D) = 25 °C
2.5
3.1
V
T
J(D) = 100 °C
2.1
-
Junction Capacitance
C
J
V
R = 10 V, 1 MHz
See Note A
12
-
pF
Dynamic Characteristics (Note: See Figures 19, 20 for dynamic characteristic definition)
Reverse Recovery Time
t
RR
di/dt = 200 A/ms,
V
R = 400 V
I
F = 3 A
T
J(D) = 25 °C
20
-
ns
T
J(D) = 100 °C
See Note D
27
-
Reverse Recovery
Charge
Q
RR
di/dt = 200 A/ms,
V
R = 400 V
I
F = 3 A
T
J(D) = 25 °C
21
30
nC
T
J(D) = 100 °C
See Note D
43
-
Maximum Reverse
Recovery Current
I
RRM
di/dt = 200 A/ms,
V
R = 400 V
I
F = 3 A
T
J(D) = 25 °C
1.65
23
A
T
J(D) = 100 °C
See Note D
2.3
-
Softness Factor = t
B/tA
S
di/dt = 200 A/ms,
V
R = 400 V
I
F = 3 A
See Note A
T
J(D) = 25 °C
0.9
-
T
J(D) = 100 °C
0.9
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com