Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7624C Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # PFS7624C
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7624C Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button PFS7624C Datasheet HTML 13Page - Power Integrations, Inc. PFS7624C Datasheet HTML 14Page - Power Integrations, Inc. PFS7624C Datasheet HTML 15Page - Power Integrations, Inc. PFS7624C Datasheet HTML 16Page - Power Integrations, Inc. PFS7624C Datasheet HTML 17Page - Power Integrations, Inc. PFS7624C Datasheet HTML 18Page - Power Integrations, Inc. PFS7624C Datasheet HTML 19Page - Power Integrations, Inc. PFS7624C Datasheet HTML 20Page - Power Integrations, Inc. PFS7624C Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Rev. F 08/20
17
PFS7x23-7x29/7633-7636
www.power.com
Resistors, R1 to R4 comprise of the main output voltage divider
network. The sum of resistors R1, R2 and R3 is the upper divider
resistor and the lower feedback resistor is R4. Capacitor C1 is to filter
any switching noise from coupling into the FEEDBACK pin. Resistor R5,
capacitor C2 and C3 is the loop compensation network required to
tailor the loop response to ensure low cross-over frequency and
sufficient phase margin. The recommended values for the compo-
nents used are as follows:
R1 = 3.74 MW
R2 = 6.2 MW
R3 = 6.2 MW
R5 = 30.1 kW
C1 = 470 pF
C2 = 1 mF
C3 = 100 nF
When the above component values are used, the value of resistor R4
can be calculated using the equation below:
^ h
V
O
Output voltage.
V
FB(REF) FEEDBACK pin voltage, 3.85 V.
The value of resistor R5 will have to be adjusted in some designs and
as a guideline the value from the following calculation can be used:
P
O
Maximum continuous output power in watts.
V
O
Nominal PFC output voltage in volts.
C
O
PFC output capacitance in farads.
Heat Sinking and Thermal Design
Figures 15, 16, 17 show an example of the recommended assembly
for the HiperPFS-4. In this assembly, no insulation pad is required
and HiperPFS-4 can be directly connected to the heat sink by mechan-
ical clip or adhesive thermal compound.
It is required, on the PCB, that the heat sink is connected to the
HiperPFS-4 source terminal in order to reduce EMI and optimize
operation.
Figure 15. Heat Sink Assembly – using Thermally Conductive Adhesive.
1
5
3
4
2
(2X)
2. Screw
1. Heat Sink
4. HiperPFS-4
3. Thermally Conductive Adhesive
5. Eyelet Terminal − Electrical Connection to Heat Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com