Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7626C Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # PFS7626C
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7626C Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button PFS7626C Datasheet HTML 8Page - Power Integrations, Inc. PFS7626C Datasheet HTML 9Page - Power Integrations, Inc. PFS7626C Datasheet HTML 10Page - Power Integrations, Inc. PFS7626C Datasheet HTML 11Page - Power Integrations, Inc. PFS7626C Datasheet HTML 12Page - Power Integrations, Inc. PFS7626C Datasheet HTML 13Page - Power Integrations, Inc. PFS7626C Datasheet HTML 14Page - Power Integrations, Inc. PFS7626C Datasheet HTML 15Page - Power Integrations, Inc. PFS7626C Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Rev. F 08/20
12
PFS7x23-7x29/7633-7636
www.power.com
Output Power Table for H, L and C Packages
eSIP Package Without Integrated Diode
Product
Efficiency Power Mode C
REF = 0.1 mF
Full Power Mode C
REF = 1.0 mF
Maximum Continuous
Output Power Rating at
90 VAC2
Peak Output Power
Rating at 90 VAC4
Maximum Continuous
Output Power Rating at
90 VAC2
Peak Output Power
Rating at 90 VAC4
Minimum3
Maximum
Minimum3
Maximum
PFS7623H/L
65 W
90 W
100 W
85 W
110 W
120 W
PFS7624H/L
80 W
110 W
125 W
100 W
130 W
150 W
PFS7625H/L
110 W
150 W
170 W
140 W
185 W
205 W
PFS7626H/L
140 W
190 W
215 W
180 W
230 W
260 W
PFS7627H/L
175 W
235 W
265 W
220 W
290 W
320 W
PFS7628H/L
210 W
285 W
320 W
270 W
350 W
385 W
PFS7629H/L
245 W
335 W
375 W
300 W
405 W
450 W
Product
Efficiency Power Mode C
REF = 0.1 mF
Full Power Mode C
REF = 1.0 mF
Maximum Continuous
Output Power Rating at
180 VAC2
Peak Output Power
Rating at 180 VAC4
Maximum Continuous
Output Power Rating at
180 VAC2
Peak Output Power
Rating at 180 VAC4
Minimum3
Maximum
Minimum3
Maximum
PFS7633H
155 W
205 W
230 W
195 W
255 W
280 W
PFS7634H
200 W
260 W
290 W
240 W
315 W
350 W
PFS7635H
275 W
360 W
400 W
335 W
435 W
480 W
PFS7636H
350 W
460 W
510 W
415 W
550 W
610 W
InSOP Package Without Integrated Diode
Product
Full Power Mode C
REF = 1.0 mF
Maximum Continuous Output Power Rating at 90 VAC2
Maximum
PFS7623C
75 W
PFS7624C
90 W
PFS7626C
105 W
PFS7628C
110 W
eSIP Package With Integrated Diode
Product
Efficiency Power Mode C
REF = 0.1 mF
Full Power Mode C
REF = 1.0 mF
Maximum Continuous
Output Power Rating at
90 VAC2
Peak Output Power Rat-
ing at 90 VAC4
Maximum Continuous
Output Power Rating at
90 VAC2
Peak Output Power
Rating at 90 VAC4
Minimum3
Maximum
Minimum3
Maximum
PFS7723L/H
65 W
90 W
100 W
85 W
110 W
120 W
PFS7724L/H
80 W
110 W
125 W
100 W
130 W
150 W
PFS7725L/H
110 W
150 W
170 W
140 W
185 W
205 W
PFS7726H
140 W
190 W
215 W
180 W
230 W
260 W
PFS7727H
175 W
235 W
265 W
220 W
290 W
320 W
PFS7728H
210 W
285 W
320 W
270 W
350 W
385 W
PFS7729H
245 W
335 W
375 W
300 W
405 W
450 W
Table 2. Output Power Table.
Notes:
1. See Key Application considerations.
2. Maximum practical continuous power in an open-frame design with adequate heat sinking, measured at 50 °C ambient.
3. Recommended “efficiency power mode” for best light load efficiency.
4. Internal output power limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com