Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7626C Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # PFS7626C
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7626C Datasheet(HTML) 2 Page - Power Integrations, Inc.

  PFS7626C Datasheet HTML 1Page - Power Integrations, Inc. PFS7626C Datasheet HTML 2Page - Power Integrations, Inc. PFS7626C Datasheet HTML 3Page - Power Integrations, Inc. PFS7626C Datasheet HTML 4Page - Power Integrations, Inc. PFS7626C Datasheet HTML 5Page - Power Integrations, Inc. PFS7626C Datasheet HTML 6Page - Power Integrations, Inc. PFS7626C Datasheet HTML 7Page - Power Integrations, Inc. PFS7626C Datasheet HTML 8Page - Power Integrations, Inc. PFS7626C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Rev. F 08/20
2
PFS7x23-7x29/7633-7636
www.power.com
Output Power Table
Universal Input Devices (C Package) Without Integrated Diode
Product
Continuous Output Power at 90 VAC
PFS7623C
75 W
PFS7624C
90 W
PFS7626C
105 W
PFS7628C
110 W
Universal Input Devices (H and L Packages)
Without Integrated Diode
Product
Continuous
Output Power at
90 VAC
Peak Output Power
PFS7623H/L
110 W
120 W
PFS7624H/L
130 W
150 W
PFS7625H/L
185 W
205 W
PFS7626H/L
230 W
260 W
PFS7627H/L
290 W
320 W
PFS7628H/L
350 W
385 W
PFS7629H/L
405 W
450 W
High-Line Input Only Devices (H Package)
Without Integrated Diode
Product
Continuous
Output Power at
180 VAC
Peak Output
Power
PFS7633H
255 W
280 W
PFS7634H
315 W
350 W
PFS7635H
435 W
480 W
PFS7636H
550 W
610 W
Universal Input Devices With Integrated Diode
Product
Maximum Continuous
Output Power Rating
at 90 VAC
(Full Power Mode)
Peak Output Power
(Full Power Mode)
PFS7723L/H
110 W
120 W
PFS7724L/H
130 W
150 W
PFS7725L/H
185 W
205 W
PFS7726H
230 W
260 W
PFS7727H
290 W
320 W
PFS7728H
350 W
385 W
PFS7729H
405 W
450 W
Table 1.
Output Power Table (See Table 2 on page 12 for Maximum Continuous
Output Power Ratings.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com