Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS757 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # TFS757
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS757 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button TFS757 Datasheet HTML 17Page - Power Integrations, Inc. TFS757 Datasheet HTML 18Page - Power Integrations, Inc. TFS757 Datasheet HTML 19Page - Power Integrations, Inc. TFS757 Datasheet HTML 20Page - Power Integrations, Inc. TFS757 Datasheet HTML 21Page - Power Integrations, Inc. TFS757 Datasheet HTML 22Page - Power Integrations, Inc. TFS757 Datasheet HTML 23Page - Power Integrations, Inc. TFS757 Datasheet HTML 24Page - Power Integrations, Inc. TFS757 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Rev. E 04/15
21
TFS757-764HG
www.power.com
Figure 27. Schematic of High-Efficiency +12 V, 25 A Main Output and +5 V, 2.5 A Standby Power Supply.
the Main converter. The Main converter will first turn on the
bottom switch to allow the high-side drive to receive the boot-
strap bias. After 14 ms the Main converter will start switching
both switches at 66 kHz and the main output voltage will rise.
Once the regulator U5 becomes active, current will flow through
the optocoupler U1. The collector of U1 will sink current out of
the FEEDBACK pin to adjust for appropriate duty cycle to
maintain regulation. The normal operating sink current is
between 1 mA and 2 mA. There is a forward phased bias
winding off the main transformer that provides sustained bias
for the high-side driver. During normal and brownout operation
the RESET pin senses the turn off clamp voltage via the resistor
chain R6, R18, R19 and the internal controller determines the
maximum safe duty factor by comparing the RESET pin current
with the LINE-SENSE pin current. This features guarantees that
saturation of the transformer is completely avoided in all conditions
including brownout and load transients. The LINE- SENSE pin
also has a UV low threshold which turns off the Main converter
when the input voltage is below 215 V.
This design in particular is intended to operate with a minimum
of 30 CFM airflow at full load.
Both the main and standby output have overvoltage protection
from sense circuit around U4 which will source >15 mA during
fault into bypass pin to cause latching shut-off of both converters.
The standby uses auto-restart to protect the standby output
from overpower and over-current. The main output is current
limited by the selected internal primary current limit of the main
switch path.
HD
14 - 25 V
D5
BAV20
VR4
MMSZ5243BT1G
13 V
D7
M6060C-E3/45
D6
M6060C-E3/45
D9
UF4005
C21
2.2 nF
L1
3.3
µH
C4
100 nF
C5
47 nF
C10
3300
µF
C11
3300
µF
R21
2 kΩ
R28
100 Ω
R30
1 kΩ
R34
4.75 kΩ
R31
4.75 kΩ
U7
LM431
U5
LM431
R33
1 kΩ
R32
4.7 kΩ
SW1
Remote ON/OFF
U3A
PC817XI1J00F
R24
3.92 kΩ
R3
100 Ω
R4
150 Ω
RTN
5 V
12 V
D2
VR1
ZMM5242B-7
12 V
VR2
ZMM5230B-7
4.7 V
R15
750 Ω
U1A
PC817XI1J00F
R9
15 kΩ
R10
221 Ω
C9
1 nF
D8
UF4005
C19
1 nF
C20
330 µF
*Optional component for accidental reverse connection
R26
47 Ω
C17
2200 µF
U2A
PC817XI1J00F
C14
470 nF
C16
330 nF
C15
2200 µF
C13
100 nF
U2B
PC817XI1J00F
U1B
PC817XI1J00F
R25
232 kΩ
R27
280 kΩ
D10
BAS16HT1G
J3-1
J4-1
J3-3
R14
2 kΩ
C6
100 nF
C3
100 nF
D3
1N4007
R5
4.7 Ω
R1
2.2 Ω
C1
270 µF
F2
4 A
D13*
1N5404
R20
4.7 kΩ
R16
7.5 kΩ
R17
820 Ω
R35
1.33 MΩ
R13
1.33 MΩ
R12
1.33 MΩ
R23
1 kΩ
R22
4.7 kΩ
U3B
PC817X1J00F
U4B
PC817X1J00F
R6
100 Ω
VR3
P6KE150A
R18
1.33 MΩ
R19
1.33 M
R36
1.33 MΩ
R8
4.7 Ω
U6
TFS762HG
D4
1N4007
D12
RGP100
D11
STPS1045B
3
5
2
1
2
6
9,10
9,10
13,14
1
HS
380 VDC
RTN
RTN
FB
EN
TSTANDBY
TMAIN
D
G
S
5
6
VDDH
13
R
L
FB
BP
EN
7
9
10
11
8
DSB
16
14
1
3
PI-5969-102810
C12
1 µF
6,7
CONTROL
+12 V
+5 V
R29
470 Ω
L2
2.2
µH
R7
4.7 Ω
C18
1 nF
C2
3.3 nF
C8
100 nF
R11
43.2 kΩ
Q1
MMBT4401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com