Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7623L Datasheet(PDF) 27 Page - Power Integrations, Inc.

Part # PFS7623L
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7623L Datasheet(HTML) 27 Page - Power Integrations, Inc.

Back Button PFS7623L Datasheet HTML 23Page - Power Integrations, Inc. PFS7623L Datasheet HTML 24Page - Power Integrations, Inc. PFS7623L Datasheet HTML 25Page - Power Integrations, Inc. PFS7623L Datasheet HTML 26Page - Power Integrations, Inc. PFS7623L Datasheet HTML 27Page - Power Integrations, Inc. PFS7623L Datasheet HTML 28Page - Power Integrations, Inc. PFS7623L Datasheet HTML 29Page - Power Integrations, Inc. PFS7623L Datasheet HTML 30Page - Power Integrations, Inc. PFS7623L Datasheet HTML 31Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Rev. F 08/20
27
PFS7x23-7x29/7633-7636
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; V
CC = 12 V,
-40 °C < T
J(C) < 125 °C
(Note C) (Unless Otherwise Specified)
Min
Typ
Max
Units
VTS MOSFET
On-State
Resistance
R
DS(ON)
I
D = 0.5 × IOCP
PFS7x23
PFS7633
T
J(M) = 25 °C
0.61
0.74
W
T
J(M) =100 °C
1.06
PFS7x24
PFS7634
T
J(M) = 25 °C
0.51
0.61
T
J(M) = 100 °C
0.88
PFS7x25
PFS7635
T
J(M) = 25 °C
0.41
0.50
T
J(M) = 100 °C
0.75
PFS7x26
PFS7636
T
J(M) = 25 °C
0.34
0.40
T
J(M) = 100 °C
0.58
PFS7x27
T
J(M) = 25 °C
0.30
0.35
T
J(M) = 100 °C
0.53
PFS7x28
T
J(M) = 25 °C
0.26
0.31
T
J(M) = 100 °C
0.46
PFS7x29
T
J(M) = 25 °C
0.22
0.26
T
J(M)= 100 °C
0.38
Effective Output
Capacitance
C
OSS
T
J(M) = 25 °C
V
GS = 0 V,
V
DS = 0 to 80% BVDSS
See Note A
PFS7x23 / PFS7633
135
pF
PFS7x24 / PFS7634
165
PFS7x25 / PFS7635
200
PFS7x26 / PFS7636
240
PFS7x27
280
PFS7x28
320
PFS7x29
370
Breakdown Voltage
BV
DSS
T
J(M) = 25 °C, VCC = 12 V
I
D = 250 mA, VFB= VV = 0 V
600
V
Breakdown Voltage
Temperature
Coefficient
BV
DSS(TC)
See Note A
0.072
%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com