Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7623L Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # PFS7623L
Description  PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7623L Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button PFS7623L Datasheet HTML 15Page - Power Integrations, Inc. PFS7623L Datasheet HTML 16Page - Power Integrations, Inc. PFS7623L Datasheet HTML 17Page - Power Integrations, Inc. PFS7623L Datasheet HTML 18Page - Power Integrations, Inc. PFS7623L Datasheet HTML 19Page - Power Integrations, Inc. PFS7623L Datasheet HTML 20Page - Power Integrations, Inc. PFS7623L Datasheet HTML 21Page - Power Integrations, Inc. PFS7623L Datasheet HTML 22Page - Power Integrations, Inc. PFS7623L Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Rev. F 08/20
19
PFS7x23-7x29/7633-7636
www.power.com
PCB Design Guidelines and Design Example
for H Package
The line-sense network and the feedback circuit use large resistance
values in order to minimize power dissipation in the feedback network
and the line-sense network. Care should be taken to place the
feedback circuit and the line-sense network components away from
the high-voltage and high current nodes to minimize any interference.
Any noise injected in the feedback network or the line-sense network
will typically manifest as degradation of power factor. Excessive
noise injection can lead to waveform instability or dissymmetry.
The EMI filter components should be clustered together to improve
filter effectiveness. The placement of the EMI filter components on
the circuit board should be such that the input circuit is located away
from the drain node of the PFC inductor.
A filter or decoupling capacitor should be placed at the output of the
bridge rectifier. This capacitor together with the X capacitance in the
EMI filter and the differential inductance of the EMI filter section and
the source impedance, works as a filter to reduce the switching
frequency current ripple in the input current. This capacitor also
helps to minimize the loop area of the switching frequency current
loop thereby reducing EMI.
The connection between the HiperPFS-4 drain node, output diode
drain terminal and the PFC inductor should be kept as short as
possible.
A low loss ceramic dielectric capacitor should be connected between
the cathode of the PFC output diode and the source terminal of the
HiperPFS-4 IC. This ensures that the loop area of the loop carrying
high frequency currents at the transition of the MOSFET and helps to
reduce radiated EMI due to the high frequency pulsating nature of
the diode current traversing through the loop.
During placement of components on the board, it is best to place the
voltage monitor, feedback, reference and bias power decoupling
capacitors as close as possible to the pins before the other compo-
nents are placed and routed. REFERENCE pin decoupling capacitor
needs to have dedicated return path to GROUND pin. Failing to do
so could reduce the noise immunity during surge and ESD test.
Power supply return trace from the GROUND pin should be separate
from the trace connecting the feedback circuit components to the
GROUND pin.
To minimize the effects of trace impedance on regulation, output
feedback should be taken directly from the output capacitor positive
terminal. The upper end of the line-sense resistors should be
connected to the high frequency filter capacitor connected at the
output of the bridge rectifier.
Figure 18. PCB Layout Example.
EMI
Filter
Thermistor
Shorting Relay
PFC
Output
PFC Output
Capacitor
PFC
Inductor
Bridge
Rectifier
HiperPFS-4
PFC Boost
Diode
Auxiliary
Supply
for PFC
Input
Capacitor
PI-8033-071816
AC
Input
L
E
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com