Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWHF Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # DWHF
Description  DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DWHF Datasheet(HTML) 2 Page - TE Connectivity Ltd

  DWHF Datasheet HTML 1Page - TE Connectivity Ltd DWHF Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TE Connectivity Ltd. family of companies
SHEET
NO.
REV
2 of 2
DWHF
– Standard sizes
A
DWHF
PRODUCT INFORMATION
Dual Wall Halogen Free tubing for the Mass Transit market.
Shrink Ratio
– 3:1
Longitudinal Shrinkage on full recovery 0 to -15%
Material conforms to TE Specification 108-120066
Standard Colour: Black
Flame Retardant
Tubing cut to specific lengths can be supplied from the product sizes
referenced within this drawing.
Cut length tolerances are as per the following table:
STANDARD CUTTING TOLERANCES (mm)
CUT LENGTH
TOLERANCE
Up to 9.9mm
±0.5mm
10mm to 24.9mm
±1.0mm
25mm to 54.9mm
±1.5mm
55mm to 99.9mm
±3.0mm
100mm to 149.9mm
±4.0mm
150mm to 499.9mm
±5.0mm
500mm to 1200mm
±12.5mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com