Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWHF Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # DWHF
Description  DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DWHF Datasheet(HTML) 1 Page - TE Connectivity Ltd

  DWHF Datasheet HTML 1Page - TE Connectivity Ltd DWHF Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DWHF STANDARD SIZE REFERENCE
DIMENSIONAL DRAWING
-----
-----
©2020 TE Connectivity Ltd. family of companies
All Rights Reserved
A
Initial Revision
HD
01/07/2021
DIMENSIONS IN
TITLE
mm (Inch)
DWHF
– IRRADIATED MODIFIED POLYOLEFIN
DUAL WALL HEAT SHRINK TUBING
SHEET
NO
REV
1 of 2
DWHF
– Standard sizes
A
REV
ENGINEERING CHANGE
CHK
DATE
DWHF
PRODUCT DIMENSIONS
SIZE
Inside Diameter
as supplied (Min)
mm (inch)
D
Inside
Diameter
after recovery
(Max)
mm
(inch)
d
Wall Thickness
after recovery
(Nom)
mm (inch)
W
Wall Thickness
Tolerance after
recovery
mm (inch)
Inner Meltable
Wall Thickness
after recovery
(Nom)
mm (inch)
3/1
3.0 (.118)
1.0 (.039)
1.00 (.039)
0.30 (.012)
0.50 (.020)
4.5/1.5
4.5 (.177)
1.5 (.059)
1.00 (.039)
0.30 (.012)
0.50 (.020)
6/2
6.0 (.236)
2.0 (.079)
1.00 (.039)
0.30 (.012)
0.50 (.020)
9/3
9.0 (.354)
3.0 (.118)
1.40 (.055)
0.30 (.012)
0.60 (.024)
12/4
12.0 (.472)
4.0 (.157)
1.78 (.070)
0.38 (.015)
0.75 (.030)
19/6
19.0 (.748)
6.0 (.236)
2.25 (.089)
0.55 (.022)
0.80 (.031)
24/8
24.0 (.945)
8.0 (.315)
2.54 (.100)
0.55 (.022)
1.00 (.039)
40/13
40.0 (1.575)
13.0 (.512)
2.54 (.100)
0.55 (.022)
1.00 (.039)
Dual Wall tube. A Halogen free, flame retarded heat shrink tube with an adhesive liner
meeting the requirements of Rail standard EN45545. To be used for insulation, protection
and environmental sealing of cable and similar substrates on mass transit and service
platforms.


Similar Part No. - DWHF

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DWHFP15-12F IXYS-DWHFP15-12F Datasheet
765Kb / 22P
Rectifier Diodes & FRED
DWHFP150-12S IXYS-DWHFP150-12S Datasheet
765Kb / 22P
Rectifier Diodes & FRED
DWHFP23-12F IXYS-DWHFP23-12F Datasheet
765Kb / 22P
Rectifier Diodes & FRED
DWHFP56-12F IXYS-DWHFP56-12F Datasheet
765Kb / 22P
Rectifier Diodes & FRED
DWHFP56-12S IXYS-DWHFP56-12S Datasheet
765Kb / 22P
Rectifier Diodes & FRED
More results

Similar Description - DWHF

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com