Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA733 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSA733
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA733 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSA733 Datasheet HTML 1Page - Continental Device India Limited CSA733 Datasheet HTML 2Page - Continental Device India Limited CSA733 Datasheet HTML 3Page - Continental Device India Limited CSA733 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
ELECTRICAL CHARACTERISTICS (Ta=25 °C unless otherwise specified)
Characteristic
Characteristic
Characteristic
Characteristic
Characteristic
Symbol
Symbol
Symbol
Symbol
Symbol
Min
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Unit
Collector Emitter Breakdown Voltage
IC=1mA, IB=0
BVCEO
50
-
-
V
Collector Base Voltage
IC=100µA, IE=0
BVCBO
60
-
-
V
Emitter Base Voltage
IE=10µA, IC=0
BVEBO
5-
-
V
Collector Cut-Off Current
VCB=60V, IE=0
ICBO
-
-
0.1
µA
Emitter Cut-Off Current
VEB=5V, IC=0
IEBO
-
-
0.1
µA
DC Current Gain
VCE=6V, IC=1mA
hFE*
90
-
600
Collector Emitter Saturation Voltage
IC=100mA, IB=10mA
VCE(sat)
-
-
0.3
V
Base Emitter On Voltage
IC=1mA, VCE=6V
VBE(on)
0.6
-
0.7
V
DYNAMIC CHARACTERISTICS
Current-Gain Bandwidth Product
VCE=6V, IC=10mA
fT
100
-
-
MHz
Common Base Output Capacitance
VCB=10V, IE=0, f=1MHz
Cob
--
6
pF
Noise Figure
VCE=6V, IC=0.3mA
NF
-
-
20
dB
Rs=10kΩ, f=100Hz
hFE CLASSIFICATION
R
Q
P
K
90-180
135=270 200-400
300-600
CSA733



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com