Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA733 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA733
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA733 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA733 Datasheet HTML 1Page - Continental Device India Limited CSA733 Datasheet HTML 2Page - Continental Device India Limited CSA733 Datasheet HTML 3Page - Continental Device India Limited CSA733 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 4
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
Low Frequency Amplifier
Complementary to CSC945
ABSOLUTE MAXIMUM RATINGS
Rating
Rating
Rating
Rating
Rating
Symbol
Symbol
Symbol
Symbol
Symbol
Value
Value
Value
Value
Value
Unit
Unit
Unit
Unit
Unit
Collector-Base Voltage
BVCBO
60
V
Collector-Emitter Voltage
BVCEO
50
V
Emitter Base Voltage
BVEBO
5V
Collector Current (DC)
IC
100
mA
Base Current (DC)
IB
20
mA
Total Power Dissipation @ Tamb = 25 °C
Ptot
500
mW
Operating Storage Junction
Tj,Tstg
-55 to +150
°C
Temperature Range
CSA733
1 = EMITTER
2 = COLLECTOR
3 = BASE
1 = EMITTER
2 = COLLECTOR
3 = BASE
DIM
MIN
MAX
A
4,32
5,33
B
4,45
5,20
C
3,18
4,19
D
0,41
0,55
E
0,35
0,50
F
5 DEG
G
1,14
1,40
H
1,14
1,53
K
12,70
–
L
1.982
2.082
ALL DIMENSIONS IN M.M.
1 2 3
E C
B
TO-92 Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSA733

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA708 CDIL-CSA708 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709G CDIL-CSA709G Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709O CDIL-CSA709O Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSA709Y CDIL-CSA709Y Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
More results

Similar Description - CSA733

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com