Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB857 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSB857
Description  PNP / NPN PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB857 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSB857 Datasheet HTML 1Page - Continental Device India Limited CSB857 Datasheet HTML 2Page - Continental Device India Limited CSB857 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
CSB857, CSB858
CSD1133, CSD1134
Collector current
IC
max.
4.0
A
Collector current (Peak value)
IC
max.
8.0
A
Total power dissipation up to TC = 25°C
Ptot
max.
40
W
Junction temperature
Tj
max.
150
ºC
Storage temperature
Tstg
–65 to +150 ºC
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
857
858
1133
1134
Collector cutoff current
IE = 0; VCB = 50V
ICBO
max.
1.0
µA
Breakdown voltages
IC = 50 mA; IB = 0
VCEO
min.
50
60 V
IC = 10 µA; IE = 0
VCBO
min.
70
V
IE = 10 µA; IC = 0
VEBO
min.
5.0
V
Saturation voltage
IC = 2 A; IB = 0.2 A
VCEsat*
max.
1.0
V
Base emitter on voltage
IC = 1 A; VCE = 4 V
VBE(on)*
max.
1.0
V
D.C. current gain
IC = 0.1 A; VCE = 4 V
hFE*
min.
35
IC = 1.0 A; VCE = 4 V**
hFE*
min.
60
max.
320
Transition frequency
IC = 0.5 A; VCE = 4 V
PNP
fT
typ.
15
MHz
NPN
typ.
7.0
MHz
** hFE classification: B: 60-120 C: 100-200 D: 160-320
* Pulse test



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com