Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB857 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB857
Description  PNP / NPN PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB857 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB857 Datasheet HTML 1Page - Continental Device India Limited CSB857 Datasheet HTML 2Page - Continental Device India Limited CSB857 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
CSB857, 858
PNP PLASTIC POWER TRANSISTORS
CSD1133, 1134 NPN PLASTIC POWER TRANSISTORS
Low frequency Power Amplifier
ABSOLUTE MAXIMUM RATINGS
857
858
1133
1134
Collector-base voltage (open emitter)
VCBO
max. 70
70 V
Collector-emitter voltage (open base)
VCEO
max. 50
60 V
Collector current
IC
max.
4.0
A
Total power dissipation up to TC = 25°C
Ptot
max.
40
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 2 A; IB = 200 mA
VCEsat
max.
1.0
V
D.C. current gain
IC = 1 A; VCE = 4 V
hFE
min.
60
max.
320
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
857
858
1133
1134
Collector-base voltage (open emitter)
VCBO
max. 70
70 V
Collector-emitter voltage (open base)
VCEO
max. 50
60 V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
CSB857, CSB858
CSD1133, CSD1134
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
TO-220 Plastic Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSB857

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CSB857 RECTRON-CSB857 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results

Similar Description - CSB857

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6486 BOCA-2N6486 Datasheet
26Kb / 2P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BDX33 TEL-BDX33 Datasheet
100Kb / 3P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
SeCoS Halbleitertechnol...
MMDT4413 SECOS-MMDT4413 Datasheet
1Mb / 5P
NPN - PNP Plastic-Encapsulated Transistors
logo
Micro Commercial Compon...
MMDT4413 MCC-MMDT4413 Datasheet
385Kb / 6P
NPN/PNP Plastic-Encapsulate Transistors
MMDT5451 MCC-MMDT5451 Datasheet
392Kb / 3P
NPN/PNP Plastic-Encapsulate Transistors
logo
Continental Device Indi...
BDX33 CDIL-BDX33 Datasheet
188Kb / 4P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
Micro Commercial Compon...
MMDT5451 MCC-MMDT5451_13 Datasheet
446Kb / 3P
NPN/PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT3946 TECHPUBLIC-MMDT3946 Datasheet
1Mb / 4P
NPNPNP Plastic-Encapsulate Transistors
TPMMDT3946 TECHPUBLIC-TPMMDT3946 Datasheet
1Mb / 4P
NPNPNP Plastic-Encapsulate Transistors
TPMMDT5451 TECHPUBLIC-TPMMDT5451 Datasheet
1Mb / 4P
NPNPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com