Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLGC55545V Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLGC55545V
Description  USB Charging Port Power Switch and Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLGC55545V Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLGC55545V Datasheet HTML 9Page - Renesas Technology Corp SLGC55545V Datasheet HTML 10Page - Renesas Technology Corp SLGC55545V Datasheet HTML 11Page - Renesas Technology Corp SLGC55545V Datasheet HTML 12Page - Renesas Technology Corp SLGC55545V Datasheet HTML 13Page - Renesas Technology Corp SLGC55545V Datasheet HTML 14Page - Renesas Technology Corp SLGC55545V Datasheet HTML 15Page - Renesas Technology Corp SLGC55545V Datasheet HTML 16Page - Renesas Technology Corp SLGC55545V Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Datasheet
8-Feb-2022
CFR0011-120-01
Revision 1.04
Page 13 of 18
SLGC55545V
USB Charging Port Power Switch and Controller
©2022 Renesas Electronics Corporation
Overcurrent Protection
When an over-current condition is detected, the device maintains a constant output current and reduces the output voltage
accordingly. Two possible overload conditions can occur. In the first condition, the output has been shorted before the device is
enabled or before VIN has been applied.
The SLGC55545V senses the short and immediately switches into a constant-current output. In the second condition, a short or
an overload occurs while the device is enabled. At the instant the overload occurs, high currents may flow for nominally one to
two microseconds before the current-limit circuit can react. The device operates in constant-current mode after the current-limit
circuit has responded. Complete shutdown occurs only if the fault is present long enough to activate thermal limiting. The device
will remain off until the junction temperature cools approximately 10°C and will then re-start. The device will continue to cycle
on/off until the over-current condition is removed.
FAULT# Response
The FAULT# open-drain output is asserted (active low) during an over-temperature or current limit condition. The output remains
asserted until the fault condition is removed. The SLGC55545V is designed to eliminate false FAULT# reporting by using an
internal deglitch circuit for current limit conditions without the need for external circuitry. This ensures that FAULT# is not
accidentally asserted due to normal operation such as starting into a heavy capacitive load. Over-temperature conditions are not
deglitched and assert the FAULT# signal immediately.
Undervoltage Lockout (UVLO)
The undervoltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO turn-on threshold.
Built-in hysteresis prevents unwanted oscillations on the output due to input voltage drop from large current surges.
Thermal Sense
The SLGC55545V protects itself with two independent thermal sensing circuits that monitor the operating temperature of the
power distribution switch and disables operation if the temperature exceeds recommended operating conditions. The device
operates in constant-current mode during an over-current condition, which increases the voltage drop across power switch. The
power dissipation in the package is proportional to the voltage drop across the power switch, so the junction temperature rises
during an over-current condition. The first thermal sensor turns off the power switch when the die temperature exceeds 135 °C
and the part is in current limit. The second thermal sensor turns off the power switch when the die temperature exceeds 155 °C
regardless of whether the power switch is in current limit. Hysteresis is built into both thermal sensors, and the switch turns on
after the device has cooled by approximately 10 °C. The switch continues to cycle off and on until the fault is removed. The
open-drain false reporting output FAULT# is asserted (active low) during an over-temperature shutdown condition.
Power Wake
The SLGC55545V monitors charging current at the VOUT pin and provide sa mechanism via the STATUS# pin to switch out the
high power DC-DC and switch to a low power LDO when charging current requirement is < 45 mA (typ). This saves system power
in S4/S5 state while the port has no peripheral device connected. The function is specified in the truth table setting “0011”
Power Management
When a connected peripheral device request high current charge for their battery, the system may not be able to support to enough
current for every USB port. In this situation, the SLGC55545V supports a port power management function to help the system
designer to control their USB port power. STATUS# trip point is based on ILIM_L current limit value to set the point. When a
connected peripheral device requires port power charge current higher than ILIM_L+60 mA 200 ms then the STATUS# pin will
automatically output LOW to let system know. When the charge current is below ILIM_L + 60 mA, 3 s then STATUS# return back
to HIGH. This function works via truth table setting “0111” DCP_Auto mode and “1111” CDP mode.
Application and Layout Guidelines
•
The designed power supply range is from 4.5 V to 5.5 V. If the input supply is located more than a few inches from the device,
an input bypass capacitor larger than 0.1 µF is recommended.
•
The trace routing from the upstream regulator to the VIN pin must be as short as possible to reduce the voltage drop and
parasitic inductance.
•
The trace routing from the Current-Limit Set Resistors to the device must be as short as possible to reduce parasitic effects
on Current-Limit accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com