Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC1047 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSC1047
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC1047 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSC1047 Datasheet HTML 1Page - Continental Device India Limited CSC1047 Datasheet HTML 2Page - Continental Device India Limited CSC1047 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CSC1047
TO-92
Plastic Package
TO-92 Transistors on Tape and Ammo Pack
TO- 92 Plastic Package
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5K
2K
17" x 15" x 13.5"
17" x 15" x 13.5"
80K
32K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARDPACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
All diminsions in mm.
DIM
MIN.
MAX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F
5 DEG
G
1.14
1.40
H
1.14
1.53
2.082
K
L
12.70
1.982
—
1
2
3
SEC AA
D
B
D
A A
G
1
2
3
F
F
3 2 1
Mechanical Data
T
A
A1
P
(p)
C1
C2
W2
Do
F2
F
P2
Po
F1
W1
Wo
W
H1
H2
H3
L
t1
t
Ho
h1
h1
h
h
ITEM
SYMBOL
SPECIFICATION
PULL - OUT FORCE
(P)
6N
MIN. NOM.
BODY WIDTH
A1
4.0
4.8
BODY HEIGHT
A
4.8
5.2
BODY THICKNESS
T
3.9
4.2
AT TOP OF BODY
COMPONENT ALIGNMENT SIDE VIEW
h
0
1.0
AT TOP OF BODY
COMPONENT ALIGNMENT FRONT VIEW
h1
0
1.3
COMPONENT HEIGHT
H1
23.25
LENGTH OF SNIPPED LEADS
L
11.0
t1 0.3-0.6
TOTAL TAPE THICKNESS
t
1.2
CLINCH HEIGHT
H3
3.0
LEAD PARALLELISM
| C1 - C2 |
0.22
MAX.
PITCH OF COMPONENT
P
12.7
± 1.0
CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH
FEED HOLE PITCH
Po
12.7
± 0.3
FEED HOLE CENTRE TO
TO BE MEASURED AT BOTTOM OF CLINCH
COMPONENT CENTRE
P2
6.35
± 0.4
DISTANCE BETWEEN OUTER
LEADS
F
5.08
+ 0.6
- 0.2
TAPE WIDTH
W
18
± 0.5
HOLD-DOWN TAPE WIDTH
Wo
6
± 0.2
HOLE POSITION
W1
9
+ 0.7
- 0.5
HOLD-DOWN TAPE POSITION
W2
0.5
± 0.2
LEAD WIRE CLINCH HEIGHT
Ho
16
± 0.5
FEED HOLE DIAMETER
Do
4
± 0.2
LEAD - TO - LEAD DISTANCE
F1, F2
2.54
+ 0.4
STAND OFF
H2
0.45
1.45
TOL .
REMARKS
NOTES
1. Maximum alignment deviation between leads will not to be greater than 0.2mm.
2. Maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches.
3. Holddown tape will not exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive.
4. There will be no more than three (3) consecutive missing components in a tape.
5. A tape trailer, having at least three feed holes are provided after the last component in a tape.
6. Splices should not interfere with the sprocket feed holes.
- 0.1
Adhesive Tape on Top Side
Flat side
Flat Side of Transistor and
Adhesive Tape Visible
2000 pcs./Ammo Pack
Label
Carrier
Strip
186
(7.3")
332
(13
")
FEE
D
43
(1.7"
)
Ammo Pack Style
All dimensions in mm
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com