Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC1047 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC1047
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC1047 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC1047 Datasheet HTML 1Page - Continental Device India Limited CSC1047 Datasheet HTML 2Page - Continental Device India Limited CSC1047 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC1047
TO-92
Plastic Package
…
Suitable for RF Amplifier in FM/AM Radios
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
mA
Power Dissipation @ Ta=25ºC
PC
mW
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
*PC=250mW / Potting type: PC=250mW
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Base Voltage
VCBO
IC = 10µA, IE = 0
30
V
Emitter Base Voltage
VEBO
IE = 10µA, IC = 0
3
V
DC Current Gain
*hFE
VCE = 6V, - IC = 1mA
40
260
Transition Frequency
fT
VCE = 6V, - I C= 1mA
450
MHz
Base Emitter On Voltage
VBE(on)
VCE = 6V, - IC = 1mA
0.72
V
Common Emitter Reverse-
Transfer Capacitance
Cre
VCB = 6V, - IE = 1mA, f=10.7MHz
1
pF
Power Gain
PG
VCB =6V, - IE = 1mA, f=100 MHz
20
dB
Noise Figure
NF
VCB =6V, - IE = 1mA, f=100 MHz
5
dB
*hFE Classifications
*400
150
- 55 to +150
VALUE
30
20
3
15
B : 40 - 110
C : 65 - 160
D : 100 - 260
E C
B
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CSC1047

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSC10 VISHAY-CSC10 Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
02-Aug-02
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
CSC1009 CDIL-CSC1009 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSC1009G CDIL-CSC1009G Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
CSC1009O CDIL-CSC1009O Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
More results

Similar Description - CSC1047

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com