Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT42 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CT42
Description  HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CT42 Datasheet(HTML) 1 Page - Continental Device India Limited

  CT42 Datasheet HTML 1Page - Continental Device India Limited CT42 Datasheet HTML 2Page - Continental Device India Limited CT42 Datasheet HTML 3Page - Continental Device India Limited CT42 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CT 40 TO CT 59
CT 70 TO CT 79
500mW
DO- 35
Glass Axial Package
FEATURES
General Purpose Hermetically Sealed Glass Package Switching Diode
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
Average Rectified Current
Peak Rectified Current
Power Dissipation At TA=25ºC
Derating Factor
Operating And Storage Junction
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DEVICE
Peak Inverse
Voltage
PIV
(V)
CT40
25
CT41
40
CT42
50
CT43
75
CT44
100
CT45
25
CT46
40
CT47
50
CT48
75
CT49
100
CT50
25
CT51
40
CT52
50
CT53
75
CT54
100
CT55
25
CT40_59 / CT70_79 Rev_1 210103D
ºC
UNIT
mA
mA
mW
mW/ºC
2.86
VALUE
75
200
500
-65 to +200
Tj, Tstg
SYMBOL
IF(AV)
IFRM
PTA
75
20
20
30
40
50
30
40
50
75
40
50
75
20
(VR)
(V)
20
30
Reverse
Min Forward
Current
IF @ 1V
(mA)
10
10
Voltage
10
10
10
20
20
20
20
20
10
10
10
10
10
20
Max Reverse
Current
IR @ VR
(
µµA)
0.1
0.1
0.1
5.0
5.0
0.1
0.1
0.1
5.0
5.0
0.1
0.1
0.1
5.0
5.0
0.1
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CT42

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
CT4 HELLERMANNTYTON-CT4 Datasheet
90Kb / 1P
u l a t e d J u n c t i o n B o x e s
logo
Extech Instruments Corp...
CT40 EXTECH-CT40 Datasheet
248Kb / 1P
16-Line Cable Identifier/Tester Kit
logo
Hammond Manufacturing L...
CT400A HAMMOND-CT400A Datasheet
284Kb / 1P
Current Transformers - Indoor Toroidal CT Series
logo
Central Technologies
CT4015F CT-CT4015F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
logo
Renesas Technology Corp
CT40KM-8H RENESAS-CT40KM-8H Datasheet
110Kb / 5P
Nch IGBT for Strobe Flasher
More results

Similar Description - CT42

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD1N4148 CDIL-CD1N4148 Datasheet
95Kb / 3P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CTZ26 CDIL-CTZ26 Datasheet
213Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
TRANSYS Electronics Lim...
1N4148 TEL-1N4148 Datasheet
80Kb / 2P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
1N4448 TEL-1N4448 Datasheet
81Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES AXIAL LEAD
logo
SUNMATE electronic Co.,...
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
0.5A Axial Leaded High Speed Switching Diode
1SS130 SUNMATE-1SS130 Datasheet
154Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS132 SUNMATE-1SS132 Datasheet
180Kb / 2P
120mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
1SS178 SUNMATE-1SS178 Datasheet
170Kb / 1P
100mA Axial Leaded High Speed Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com