Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF020B Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25VF020B
Description  2-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF020B Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25VF020B Datasheet HTML 17Page - Microchip Technology SST25VF020B Datasheet HTML 18Page - Microchip Technology SST25VF020B Datasheet HTML 19Page - Microchip Technology SST25VF020B Datasheet HTML 20Page - Microchip Technology SST25VF020B Datasheet HTML 21Page - Microchip Technology SST25VF020B Datasheet HTML 22Page - Microchip Technology SST25VF020B Datasheet HTML 23Page - Microchip Technology SST25VF020B Datasheet HTML 24Page - Microchip Technology SST25VF020B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
2012-2020 Microchip Technology Inc.
DS20005054D-page 21
SST25VF020B
TABLE 6-5:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Unit
Test Method
NEND(1)
Endurance
100,000
Cycles
JEDEC Standard A117
TDR(1)
Data Retention
100
Years
JEDEC Standard A103
ILTH(1)
Latch Up
100 + IDD
mA
JEDEC Standard 78
Note 1: This parameter is measured only for initial qualification and after a design or process change that could
affect this parameter.
TABLE 6-6:
AC OPERATING CHARACTERISTICS
Symbol
Parameter
33 MHz
80 MHz
Units
Min.
Max.
Min.
Max.
FCLK
Serial Clock Frequency(1)
—
33
—
80
MHz
TSCKH
Serial Clock High Time
13
—
6
—
ns
TSCKL
Serial Clock Low Time
13
—
6
—
ns
TSCKR
Serial Clock Rise Time (slew rate)(2)
0.1
—
0.1
—
V/ns
TSCKF
Serial Clock Fall Time (slew rate)
0.1
—
0.1
—
V/ns
TCES
CE# Active Setup Time(3)
5
—
5
—
ns
TCEH
CE# Active Hold Time(3)
5
—
5
—
ns
TCHS
CE# Not Active Setup Time(3)
5
—
5
—
ns
TCHH
CE# Not Active Hold Time(3)
5
—
5
—
ns
TCPH
CE# High Time
50
—
50
—
ns
TCHZ
CE# High-to-High Z Output
—
15
—
7
ns
TCLZ
SCK Low-to-Low Z Output
0
—
0
—
ns
TDS
Data In Setup Time
2
—
2
—
ns
TDH
Data In Hold Time
4
—
4
—
ns
THLS
HOLD# Low Setup Time
5
—
5
—
ns
THHS
HOLD# High Setup Time
5
—
5
—
ns
THLH
HOLD# Low Hold Time
5
—
5
—
ns
THHH
HOLD# High Hold Time
5
—
5
—
ns
THZ
HOLD# Low-to-High Z Output
—
7
—
7
ns
TLZ
HOLD# High-to-Low Z Output
—
7
—
7
ns
TOH
Output Hold from SCK Change
0
—
0
—
ns
TV
Output Valid from SCK
—
10
—
6
ns
TSE
Sector Erase
—
25
—
25
ms
TBE
Block Erase
—
25
—
25
ms
TSCE
Chip Erase
—
50
—
50
ms
TBP
Byte Program
—
10
—
10
µs
Note 1: Maximum clock frequency for Read instruction, 03H, is 33 MHz.
2: Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements.
3: Relative to SCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com