Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF020B Datasheet(PDF) 13 Page - Microchip Technology

Part # SST25VF020B
Description  2-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF020B Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST25VF020B Datasheet HTML 9Page - Microchip Technology SST25VF020B Datasheet HTML 10Page - Microchip Technology SST25VF020B Datasheet HTML 11Page - Microchip Technology SST25VF020B Datasheet HTML 12Page - Microchip Technology SST25VF020B Datasheet HTML 13Page - Microchip Technology SST25VF020B Datasheet HTML 14Page - Microchip Technology SST25VF020B Datasheet HTML 15Page - Microchip Technology SST25VF020B Datasheet HTML 16Page - Microchip Technology SST25VF020B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
2012-2020 Microchip Technology Inc.
DS20005054D-page 13
SST25VF020B
FIGURE 5-7:
AUTO ADDRESS INCREMENT (AAI) WORD PROGRAM SEQUENCE WITH
SOFTWARE END-OF-WRITE DETECTION
5.7
4-Kbyte Sector Erase
The Sector Erase instruction clears all bits in the
selected 4-Kbyte sector to FFH. A Sector Erase
instruction applied to a protected memory area will be
ignored. Prior to any write operation, the Write-Enable
(WREN) instruction must be executed. CE# must
remain active-low for the duration of any command
sequence. The Sector Erase instruction is initiated by
executing an 8-bit command, 20H, followed by address
bits [A23-A0]. Address bits [AMS-A12] (AMS = Most Sig-
nificant address) are used to determine the sector
address (SAX), remaining address bits can be VIL or
VIH. CE# must be driven high before the instruction is
executed. The user may poll the BUSY bit in the soft-
ware STATUS register or wait TSE for the completion of
the internal self-timed Sector Erase cycle. See
Figure 5-8 for the Sector Erase sequence.
FIGURE 5-8:
SECTOR ERASE SEQUENCE
07 8
32
47
15 16
23 24
31
0
40
39
7 8
15 16
23
7 8
15 16
23
70
15
78
00
CE#
SI
SCK
SO
DOUT
MODE 3
MODE 0
Note:
1. Valid commands during AAI programming: AAI command, RDSR command, or WRDI command
Wait TBP or poll Software STATUS
register to load next valid(
1) command
Last 2
data bytes
WRDI to exit
AAI mode
Load AAI command, Address, 2 bytes data
AA
A
AD
D0
AD
D1
D2
D3
AD
Dn-1
Dn
WRDI
RDSR
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
20
High-Impedance
15 16
23 24
31
MODE 0
MODE 3
MSb
MSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com