Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF020A Datasheet(PDF) 21 Page - Microchip Technology

Part # SST26VF020A
Description  2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF020A Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST26VF020A Datasheet HTML 17Page - Microchip Technology SST26VF020A Datasheet HTML 18Page - Microchip Technology SST26VF020A Datasheet HTML 19Page - Microchip Technology SST26VF020A Datasheet HTML 20Page - Microchip Technology SST26VF020A Datasheet HTML 21Page - Microchip Technology SST26VF020A Datasheet HTML 22Page - Microchip Technology SST26VF020A Datasheet HTML 23Page - Microchip Technology SST26VF020A Datasheet HTML 24Page - Microchip Technology SST26VF020A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
 2020-2021 Microchip Technology Inc. and its subsidiaries
DS20006279C-page 21
SST26VF020A
5.8
SPI Quad I/O Read
The SPI Quad I/O Read (SQIOR) instruction supports
frequencies of up to 104 MHz from 2.7V-3.6V and up to
80 MHz from 2.3V-3.6V. SST26VF020A requires the
IOC bit in the Configuration register to be set to ‘1’ prior
to executing the command. Initiate SQIOR by executing
an 8-bit command, EBH. The device then switches to
4-bit I/O mode for address bits A[23:0], followed by the
Set Mode Configuration bits M[7:0], and two dummy
bytes. CE# must remain active-low for the duration of
the SPI Quad I/O Read. See Figure 5-9 for the SPI
Quad I/O Read sequence.
Following the dummy bytes, the device outputs data
from the specified address location. The device
continually streams data output through all addresses
until terminated by a low-to-high transition on CE#. The
internal Address Pointer automatically increments until
the highest memory address is reached, at which point
the Address Pointer returns to the beginning of the
address space.
The Set Mode Configuration bit M[7:0] indicates if the
next instruction cycle is another SPI Quad I/O Read
command. When M[7:0] = AXH, the device expects the
next continuous instruction to be another read
command, EBH, and does not require the opcode to be
entered again. The host may set the next SQIOR cycle
by driving CE# low, then sending the 4-bit wide input for
address A[23:0],
followed
by
the
Set
Mode
Configuration bits M[7:0], and two dummy cycles. After
the two dummy cycles, the device outputs the data
starting from the specified address location. There are
no restrictions on address location access.
When M[7:0] is any value other than AXH, the device
expects the next instruction initiated to be a command
instruction. To reset/exit the Set Mode configuration,
execute the Reset Quad I/O command, FFH. See
Figure 5-10 for the SPI Quad I/O Mode Read sequence
when M[7:0] = AXH.
FIGURE 5-9:
SPI QUAD I/O READ SEQUENCE
Note:
MSN = Most Significant Nibble, LSN = Least Significant Nibble
A20 A16 A12 A8 A4 A0 M4 M0
CE#
SIO0
SCK
012345678
16 17
12
MODE 3
MODE 0
910 11
EBH
b4 b0
SIO1
SIO2
SIO3
Address
Data
Byte 0
Dummy
15
13 14
23
19
18
22
20 21
b4 b0
A21 A17 A13 A9 A5 A1 M5 M1
b5 b1 b5 b1
A22 A18 A14 A10 A6 A2 M6 M2
b6 b2 b6 b2
A23 A19 A15 A11 A7 A3 M7 M3
b7 b3 b7 b3
Set
Mode
Data
Byte 1
MSN LSN
X X X X
X X X X
X X X X
X X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com