Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF020A Datasheet(PDF) 64 Page - Microchip Technology

Part # SST26VF020A
Description  2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF020A Datasheet(HTML) 64 Page - Microchip Technology

Back Button SST26VF020A Datasheet HTML 60Page - Microchip Technology SST26VF020A Datasheet HTML 61Page - Microchip Technology SST26VF020A Datasheet HTML 62Page - Microchip Technology SST26VF020A Datasheet HTML 63Page - Microchip Technology SST26VF020A Datasheet HTML 64Page - Microchip Technology SST26VF020A Datasheet HTML 65Page - Microchip Technology SST26VF020A Datasheet HTML 66Page - Microchip Technology SST26VF020A Datasheet HTML 67Page - Microchip Technology SST26VF020A Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
SST26VF020A
DS20006279C-page 64
 2020-2021 Microchip Technology Inc. and its subsidiaries
46H
A20:A16
00H
(2-2-2) Fast Read Number of Wait states (dummy clocks) needed before
valid output
00000b: No dummy bit is needed
A23:A21
(2-2-2) Fast Read Number of Mode Bits
000b: No mode bits are needed
47H
A31:A24
FFH
(2-2-2) Fast Read Opcode
Opcode for dual input opcode and address and dual output data Fast Read
(not supported).
JEDEC Flash Parameter Table: 7th DWORD
48H
A7:A0
FFH
Reserved. Bits default to all 1’s.
49H
A15:A8
FFH
Reserved. Bits default to all 1’s.
4AH
A20:A16
44H
(4-4-4) Fast Read Number of Wait states (dummy clocks) needed before
valid output
00100b: 4 clocks dummy are needed with a quad input opcode and address
and quad output data Fast Read instruction.
A23:A21
(4-4-4) Fast Read Number of Mode Bits
010b: 2 clocks mode bits are needed with a quad input opcode and address
and quad output data Fast Read instruction.
4BH
A31:A24
0BH
(4-4-4) Fast Read Opcode
Opcode for quad input opcode/address, quad output data Fast Read.
JEDEC Flash Parameter Table: 8th DWORD
4CH
A7:A0
0CH
Sector Type 1 Size
4-Kbyte, Sector/Block size = 2N bytes
4DH
A15:A8
20H
Sector Type 1 Opcode
Opcode used to erase the number of bytes specified by Sector Type 1 Size.
4EH
A23:A16
0FH
Sector Type 2 Size
32-Kbyte, Sector/Block size = 2N bytes
4FH
A31:A24
D8H
Sector Type 2 Opcode
Opcode used to erase the number of bytes specified by Sector Type 2 Size.
JEDEC Flash Parameter Table: 9th DWORD
50H
A7:A0
10H
Sector Type 3 Size
64-Kbyte, Sector/Block size = 2N bytes
51H
A15:A8
D8H
Sector Type 3 Opcode
Opcode used to erase the number of bytes specified by Sector Type 3 Size.
52H
A23:A16
00H
Sector Type 4 Size
64-Kbyte, Sector/Block size = 2N bytes
53H
A31:A24
00H
Sector Type 4 Opcode
Opcode used to erase the number of bytes specified by Sector Type 4 Size.
JEDEC Flash Parameter Table: 10th DWORD
54H
A3:A0
20H
Multiplier from typical erase time to maximum erase time.
Maximum time = 2*(count +1)*Typical erase time
Count = 0
A3:A0 = 0000b
A7:A4
Erase Type 1 Erase, Typical time
Typical time = (count+1)*units
1 ms to 32 ms, 16 ms to 512 ms, 128 ms to 4096 ms, 1s to 32s
10:9 units (00b: 1 ms, 01b: 16 ms, 10b:128 ms, 11b:1s)
A8:A4 count = 18 = 10010b
A10:A9 unit = 1 ms = 00b
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (SHEET 5 OF 13)
Address
Bit
Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com