Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT44 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CT44
Description  HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CT44 Datasheet(HTML) 2 Page - Continental Device India Limited

  CT44 Datasheet HTML 1Page - Continental Device India Limited CT44 Datasheet HTML 2Page - Continental Device India Limited CT44 Datasheet HTML 3Page - Continental Device India Limited CT44 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CT 40 TO CT 59
CT 70 TO CT 79
500mW
DO- 35
Glass Axial Package
DEVICE
Peak Inverse
Voltage
PIV
(V)
CT56
40
CT57
50
CT58
75
CT59
100
CT70
25
CT71
40
CT72
50
CT73
75
CT74
100
CT75
25
CT76
40
CT77
50
CT78
75
CT79
100
DESCRIPTION
SYMBOL
UNIT
MIN
MAX
Diode Capacitance
Cd
4
pF
2
pF
Reverse Recovery Time
trr
4
ns
CT40_59 / CT70_79 Rev_1 210103D
75
20
30
40
50
30
50
75
40
50
75
20
(VR)
(V)
30
40
Reverse
Voltage
Max Reverse
Current
IR @ VR
(
µµA)
0.1
0.1
5.0
5.0
0.1
0.1
0.1
5.0
5.0
0.1
0.1
0.1
20
20
20
20
Min Forward
Current
IF@ 1V
(mA)
50
50
50
50
50
100
100
100
100
100
VALUE
TEST CONDITION
5.0
5.0
RL=100Ω
VR=0, f=1MHz
CT 40 TO CT 49
CT 50 TO CT 79
IR =10mA, VR=6V,
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com