Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT44 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CT44
Description  HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CT44 Datasheet(HTML) 3 Page - Continental Device India Limited

  CT44 Datasheet HTML 1Page - Continental Device India Limited CT44 Datasheet HTML 2Page - Continental Device India Limited CT44 Datasheet HTML 3Page - Continental Device India Limited CT44 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DO-35 Glass Axial Package
DO-35, 52mm Taping Specification
NOTE: Cathode is marked by Band.
A
B
A
All dimensions are in mm.
DIM
A
B
C
D
MIN
25.40
3.05
0.46
1.70
MAX
—
4.15
0.56
2.29
52 mm Taping Specification
T & A indicates Axial Tape and Ammo
Packing (52 mm Tape Spacing).
1.
300 mm (min) leader tape on every tape.
2.
No. of empty places allowed 0.25%
without consecutive empty places.
3.
Ends of leads shall preferably not
protrude beyond the tapes.
4.
Components shall be held sufficiently in
the tape or tapes so that they
can not come free in normal handling.
5.
All dimensions are in mm.
1.5 R MAX.
5.50
4.50
52.0
48.0
11 DIODES
DO-35 T&A
5K/ammo box
0.88 kg/5K pcs
10" x 3.2" x 3.2"
5K
12.7" x 12.7" x 20"
125K
25 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
On request also available
in 26 mm Tape
DO-35:- 5000 pcs./Ammo Pack
DIODE AMMO PACK
LABEL
255
.0
TAPES
LEADER
6.0 ±1.0
±1.0
±2.0
52.0
6.0
FEE
D
80.0
±2.
0
±2.0
Continental Device India Limited
Data Sheet
Page 3 of 4
CT40_59 / CT70_79 Rev_1 210103D
CT 40 TO CT 59
CT 70 TO CT 79



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com