Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152CME Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 152CME
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152CME Datasheet(HTML) 5 Page - Vishay Siliconix

  152CME_V01 Datasheet HTML 1Page - Vishay Siliconix 152CME_V01 Datasheet HTML 2Page - Vishay Siliconix 152CME_V01 Datasheet HTML 3Page - Vishay Siliconix 152CME_V01 Datasheet HTML 4Page - Vishay Siliconix 152CME_V01 Datasheet HTML 5Page - Vishay Siliconix 152CME_V01 Datasheet HTML 6Page - Vishay Siliconix 152CME_V01 Datasheet HTML 7Page - Vishay Siliconix 152CME_V01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
152 CME
www.vishay.com
Vishay BCcomponents
Revision: 05-Nov-2019
5
Document Number: 28459
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 5 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 152 CME series
33 μF / 450 V; ± 20 %
Nominal case size: 18 mm x 18 mm x 21 mm; blister tape on
reel
Ordering code: MAL215299706E3
Table 5
Note
• Determines the applicable row in the table “Endurance Test Duration and Useful Life”
Table 6
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 Hz, 105 °C
IL2
Max. leakage current after 2 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
L x W x H
(mm)
IR
105 °C
100 Hz
(mA)
IL1
1 min
(μA)
tan
100 Hz
Z
10 kHz
20 °C
(
)
LIFE
CODE (1)
ORDERING CODE
MAL2152.....
400
2.2
10 x 10 x 10
30
97
0.15
13.0
L1
99601E3
3.9
10 x 10 x 10
50
117
0.15
8.5
L1
99602E3
6.8
12.5 x 12.5 x 13
60
152
0.15
4.7
L2
99603E3
10
12.5 x 12.5 x 16
80
190
0.15
3.5
L3
99604E3
18
16 x 16 x 16
100
286
0.15
2.1
L4
99605E3
22
16 x 16 x 21
130
334
0.15
1.5
L5
99606E3
22
18 x 18 x 16
140
334
0.15
1.5
L4
99607E3
33
18 x 18 x 21
190
466
0.15
1.1
L5
99608E3
450
2.2
10 x 10 x 10
30
100
0.20
14.5
L1
99701E3
4.7
12.5 x 12.5 x 13
50
134
0.20
5.9
L2
99702E3
5.6
12.5 x 12.5 x 16
65
146
0.20
5.2
L3
99703E3
10
16 x 16 x 16
90
205
0.20
2.9
L4
99704E3
15
16 x 16 x 21
110
273
0.20
2.1
L5
99705E3
22
18 x 18 x 16
120
367
0.20
1.7
L4
99706E3
33
18 x 18 x 21
160
516
0.20
1.1
L5
99707E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
IEC 60384-18, subclause 4.14
Us  1.10 x UR
Reverse voltage for short periods
IEC 60384-18, subclause 4.16; TA  105 °C
Urev  1 V
Current
Leakage current
After 1 min at UR
IL1  0.03 x CR x UR + 70 μA
After 5 min at UR
IL5  0.015 x CR x UR + 30 μA
Inductance
Equivalent series inductance (ESL)
Ø D = 10 mm
Typ. 16 nH
Ø D
 12.5 mm
Typ. 18 nH
Resistance
Equivalent series resistance (ESR) at 100 Hz
Calculated from tan
max. and CR (see Table 5)
ESR = tan
/2fC
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com