Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152CME Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 152CME
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152CME Datasheet(HTML) 1 Page - Vishay Siliconix

  152CME_V01 Datasheet HTML 1Page - Vishay Siliconix 152CME_V01 Datasheet HTML 2Page - Vishay Siliconix 152CME_V01 Datasheet HTML 3Page - Vishay Siliconix 152CME_V01 Datasheet HTML 4Page - Vishay Siliconix 152CME_V01 Datasheet HTML 5Page - Vishay Siliconix 152CME_V01 Datasheet HTML 6Page - Vishay Siliconix 152CME_V01 Datasheet HTML 7Page - Vishay Siliconix 152CME_V01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
152 CME
www.vishay.com
Vishay BCcomponents
Revision: 05-Nov-2019
1
Document Number: 28459
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
SMD (Chip), High Voltage
Fig. 1
FEATURES
• Extended useful life: up to 6000 h at 105 °C
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte, self healing
• SMD-version with base plate, lead (Pb)-free
reflow solderable
• Charge and discharge proof, no peak current
limitation
• Advanced temperature reflow soldering according to
JEDEC® J-STD-020
• Vibration proof, 4-pin version and 6-pin version
• AEC-Q200 qualified
• High reliability
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• SMD technology, for high temperature reflow soldering
• Industrial and professional applications
• Automotive, general industrial, telecom
• Smoothing, filtering, buffering
MARKING
• Rated capacitance (in μF)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Black mark or “-” sign indicating the cathode (the anode is
identified by beveled edges)
• Code indicating group number (E)
PACKAGING
Supplied in blister tape on reel
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(L x W x H in mm)
10 x 10 x 10
to 18 x 18 x 21
Rated capacitance range, CR
2.2 μF to 33 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
400 V to 450 V
Category temperature range
-40 °C to +105 °C
Endurance test at 105 °C
1000 h to 5000 h
Useful life at 105 °C
1500 h to 6000 h
Useful life at 40 °C
1.8 x lR applied
75 000 h to 300 000 h
Shelf life at 0 V, 105 °C
1000 h
Based on sectional
specification
IEC 60384-18 / CECC 32300
Climatic category IEC 60068
40 / 105 / 56
higher
voltage
152 CME
105 °C
150 CRZ
105 °C
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR
(μF)
UR (V)
400
450
2.2
10 x 10 x 10
10 x 10 x 10
3.9
10 x 10 x 10
-
4.7
12.5 x 12.5 x 13
5.6
12.5 x 12.5 x 16
6.8
12.5 x 12.5 x 13
-
10
12.5 x 12.5 x 16
16 x 16 x 16
15
16 x 16 x 21
18
16 x 16 x 16
-
22
16 x 16 x 21
18 x 18 x 16
18 x 18 x 16
33
18 x 18 x 21
18 x 18 x 21


Similar Part No. - 152CME_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
152CME VISHAY-152CME Datasheet
123Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip), High Voltage
05-Nov-2019
More results

Similar Description - 152CME_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
31-Jan-17
146-CTI VISHAY-146-CTI Datasheet
144Kb / 11P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
05-Dec-16
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
31-Jan-17
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
05-Dec-16
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
14-Dec-16
192CTX VISHAY-192CTX Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip), High Voltage
Revision: 12-May-2021
152CME VISHAY-152CME Datasheet
123Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip), High Voltage
05-Nov-2019
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
31-Jan-17
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
05-Dec-16
192CTX VISHAY-192CTX_V01 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors SMD (Chip), High Voltage
12-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com