Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT16952CSSC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ABT16952CSSC
Description  16-Bit Registered Transceiver with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ABT16952CSSC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74ABT16952CSSC Datasheet HTML 1Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 2Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 3Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 4Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 5Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 6Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 7Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
ABT16952
Units
VCC
Conditions
Min
Typ
Max
ICCD
Dynamic ICC
No Load
Outputs Open
(Note 2)
018
mAMHz
Max
OEA or OEB e GND
Non-IO e GND or VCC
One Bit toggling 50% duty cycle
(Note 1)
Note 1
For 8-bit toggling ICCD k 14 mAMHz
Note 2
Guaranteed but not tested
AC Electrical Characteristics
74ABT
74ABT
TA ea25 CTA eb40 Cto a85 C
Symbol
Parameter
VCC ea50V
VCC e 45V to 55V
Units
CL e 50 pF
CL e 50 pF
Min
Max
Min
Max
fmax
Max Clock
200
200
MHz
Frequency
tPLH
Propagation Delay
15
53
15
53
ns
tPHL
CPABn or CPBAn to
15
53
15
53
An or Bn
tPZH
Output Enable Time
15
55
15
55
ns
tPZL
OEABn or OEBAn to
15
55
15
55
An or Bn
tPHZ
Output Disable Time
15
60
15
60
ns
tPLZ
OEABn or OEBAn to
15
60
15
60
An or Bn
AC Operating Requirements
74ABT
74ABT
TA ea25 CTA eb40 Cto a85 C
Symbol
Parameter
VCC ea50V
VCC e 45V to 55V
Units
CL e 50 pF
CL e 50 pF
Min
Max
Min
Max
ts(H)
Setup Time HIGH
25
25
ns
ts(L)
or LOW An or Bn
25
25
to CPABn or CPBAn
th(H)
Hold Time HIGH
15
15
ns
th(L)
or LOW An or Bn
15
15
to CPABn or CPBAn
ts(H)
Setup Time HIGH
25
25
ns
ts(L)
or LOW CEAn or CEBn
25
25
to CPABn or CPBAn
th(H)
Hold Time HIGH
15
15
ns
th(L)
or LOW CEAn or CEBn
15
15
to CPABn or CPBAn
tw(H)
Pulse Width
30
30
ns
tw(L)
HIGH or LOW
30
30
to CPABn or CPBAn
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com