Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT16952CSSC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ABT16952CSSC
Description  16-Bit Registered Transceiver with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ABT16952CSSC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74ABT16952CSSC Datasheet HTML 1Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 2Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 3Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 4Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 5Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 6Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 7Page - National Semiconductor (TI) 74ABT16952CSSC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
TA e 25 C
CIN
Input Capacitance
5
pF
VCC e 0V (Non IO Pins)
CIO (Note 1)
Output Capacitance
11
pF
VCC e 50V (An Bn)
Note 1
CIO is measured at frequency f e 1 MHz per MIL-STD-883B Method 3012
AC Loading
TLF11647 – 3
Includes jig and probe capacitance
FIGURE 1 Standard AC Test Load
TLF11647 – 4
FIGURE 2a Test Input Signal Levels
Amplitude
Rep Rate
tW
tr
tf
30V
1 MHz
500 ns
25 ns
25 ns
FIGURE 2b Input Signal Requirements
TLF11647 – 5
FIGURE 3 Propagation Delay Waveforms for
Inverting and Non-Inveting Functions
TLF11647 – 6
FIGURE 4 Propagation Delay
Pulse Width Waveforms
http
www nationalcom
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com