Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11DF2 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 11DF2
Description  ULTRA FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

11DF2 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  11DF2 Datasheet HTML 1Page - EIC discrete Semiconductors 11DF2 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11DF1 - 11DF2
ULTRA FAST RECTIFIER DIODES
PRV : 100 - 200 Volts
Io : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Superfast recovery time
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.339 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
11DF1
11DF2
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
V
Maximum RMS Voltage
VRMS
70
140
V
Maximum DC Blocking Voltage
VDC
100
200
V
Maximum Average Forward Current
Ta = 63
°C
IF(AV)
1.0
A
Maximum Peak Forward Surge Current,
8.3ms Single half sine wave
Superimposed on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 1.0 A
VF
0.98
V
Maximum DC Reverse Current at VRRM
IR
10
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
ns
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Note : ( 1 ) Reverse Recovery Test Conditions : I
F = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
Page 1 of 2
Rev. 02 : October 8, 2005
RATING
IFSM
30
A
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)


Similar Part No. - 11DF2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
11DF2 NIEC-11DF2 Datasheet
94Kb / 5P
FRD LOW FORWARD VOLTAGE DROP
logo
New Jersey Semi-Conduct...
11DF2 NJSEMI-11DF2 Datasheet
61Kb / 1P
Ultra-Fast Recovery
11DF2 NJSEMI-11DF2 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
logo
SUNMATE electronic Co.,...
11DF2 SUNMATE-11DF2 Datasheet
101Kb / 2P
1.0A Axial Leaded Ultra-Fast Rectifier
logo
National Instruments Co...
11DF2 NI-11DF2_15 Datasheet
91Kb / 1P
FRED
More results

Similar Description - 11DF2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
11DF3 EIC-11DF3 Datasheet
93Kb / 2P
ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
MUR805 SUNMATE-MUR805 Datasheet
332Kb / 2P
ULTRA FAST RECTIFIER DIODES
RGL41A SUNMATE-RGL41A Datasheet
426Kb / 2P
ULTRA FAST RECTIFIER DIODES
UF3001 SUNMATE-UF3001 Datasheet
274Kb / 2P
ULTRA FAST RECTIFIER DIODES
UF5001 SUNMATE-UF5001 Datasheet
292Kb / 2P
ULTRA FAST RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BYG20D DSK-BYG20D Datasheet
83Kb / 2P
ULTRA FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com