Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK1206AS-R500JN-83 Datasheet(PDF) 1 Page - Vishay Barry

Part # RK1206AS-R500JN-83
Description  Alumina, BeO Free, BeO and AlN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

RK1206AS-R500JN-83 Datasheet(HTML) 1 Page - Vishay Barry

  RK1206AS-R500JN-83 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RK1206ZZ-XXXXWN-YY*
Alumina, BeO Free, BeO and AlN
1/4 WRAP CHIP RESISTOR
Features:
♦ Alumina, BeO Free, BeO and AlN Material
♦ 1/4 Wrap
♦ Available in .5 ohm to 1 mohm
WWW.BARRYIND.COM
Barry Industries reserves the right to change part number and or process without notification.
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
0
1
/
1
1
/
2
0
0
1
/
1
1
/
2
0
-
General Description:
The RK1206ZZ-XXXXWN-YY* series is a
quarter wrap style chip resistor. It offers a small
package design available in Alumina, BeO Free,
BeO and AlN material. * See below for ordering options.
R K 1206
ZZ
- XXXX
W
N
-
YY
1/4 Wrap
Size
(N)ormal
Inspection
Resistor
Termination Material and Finish
AS - available on Alumina, BeO Free, and BeO:
Tin Lead over Platinum Palladium Gold, Solder Mount, NOT RoHS
BA - available on Alumina, BeO Free, and AlN:
Palladium Silver, Epoxy Mount, RoHS Compliant
CB - available on Alumina, BeO Free and BeO:
Tin Lead over Nickel over Silver, Solder Mount, NOT RoHS
CT - available on Alumina, BeO Free, BeO and AlN::
Matte Tin over Nickel over Silver, Solder Mount, RoHS Compliant
GA - available on Alumina, BeO Free, and AlN:
Gold, Epoxy Mount, Wire Bond, RoHS Complaint
Ohms
0.5
R500
1
1R00
10
10R0
50
50R0
100
1000
150
1500
1K
1001
10K
1002
100K
1003
470K
4703
1M
1004
Thickness
and Material
Tolerance
-91 - .015” Alumina
.35 Watts
-93 - .025” Alumina
.30 Watts
-81 - .015” BeO Free .35 Watts
-83 - .025” BeO Free .30 Watts
-96 - .015” BeO
1.50 Watts
-98 - .025” BeO
1.50 Watts
-2Q - .015” AlN
1.50 Watts
-2S - .025” AlN
1.50 Watts
F - 1%
G - 2%
J - 5%
K - 10%
L - 20%
X = Special
*
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Similar Part No. - RK1206AS-R500JN-83

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK12 GREATECS-RK12 Datasheet
213Kb / 1P
23 mm Round illuminated Rocker Switches
logo
Greenlee Communications
RK1230 GREENLEE-RK1230 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
RK1230C GREENLEE-RK1230C Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
RK1240 GREENLEE-RK1240 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
RK1240C GREENLEE-RK1240C Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
More results

Similar Description - RK1206AS-R500JN-83

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV0202ZZ-XXXXWN-AA BARRY-TV0202ZZ-XXXXWN-AA Datasheet
186Kb / 1P
Alumina and BeO
Rev. B
RP0502ZZ-XXXXWN-YY BARRY-RP0502ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
11/05/12
RP0504ZZ-XXXXWN-YY BARRY-RP0504ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
Rev.A 11/23/11
RK0302CB-XXXXWN-AA BARRY-RK0302CB-XXXXWN-AA Datasheet
545Kb / 1P
BeO or Alumina
11/21/06
RK0402ZZ-XXXXWN-YY BARRY-RK0402ZZ-XXXXWN-YY Datasheet
99Kb / 1P
BeO or Alumina
Rev.A 11/03/09
RK0502ZZ-XXXXWN-YY BARRY-RK0502ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
11/02/07
RK0505ZZ-XXXXWN-YY BARRY-RK0505ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
Rev.A 12/10/07
RK1005ZZ-XXXXWN-YY BARRY-RK1005ZZ-XXXXWN-YY Datasheet
102Kb / 1P
BeO or Alumina
Rev.A 06/02/14
RE0805CT-XXXXJN-AA BARRY-RE0805CT-XXXXJN-AA Datasheet
185Kb / 1P
BeO, BeO FREE, or Alumina
Rev.B 03/25/08
REC1206CT-XXXXJN-83 BARRY-REC1206CT-XXXXJN-83 Datasheet
156Kb / 1P
BeO or BeO FREE
Rev.A 04/13/04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com