Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103C Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # LL103C
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

LL103C Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  LL103C Datasheet HTML 1Page - EIC discrete Semiconductors LL103C Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( LL103A - LL103C )
Typical variation of forward current
Typical high current forward
and forward voltage for primary conduction
conduction curve
through the schottky barrier
tp = 300ms , duty cycle = 2%
Typical non repetitive forward surge
Typical variation of reverse current
current versus pulse width
at various temperatures
Rectangular pulse
Page 2 of 2
Rev. 02 : March 24, 2005
10
-1
0
30
50
Pulse Test , tp (ms)
0
0.5
1.5
Forward Voltage , VF (V)
0
3
5
1
2
4
10
-2
0
0.5
1
Forward Voltage , VF (V)
1
Reverse Voltage , VR (V)
0
10
20
30
40
50
10
-1
10
10
3
1
10
2
25
°C
Ta =125
°C
10
2
10
-1
10
3
10
1
10
20
40
10
-3
10
-2
1
10
10
2
10
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com