Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103C Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # LL103C
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

LL103C Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  LL103C Datasheet HTML 1Page - EIC discrete Semiconductors LL103C Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL103A - LL103C
SCHOTTKY BARRIER DIODES
FEATURES :
• For general purpose applications
• The LL103A, B, C series is a metal-on-silicon
Schottky barrier device which is protected by a
PN junction guard ring.
• The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,
steering, biasing and coupling diodes for fast
switching and low logic level applications.
• Other applications are click suppression, efficient
full wave bridges in telephone subsets, and
blocking diodes in rechargeable low voltage
battery systems.
• These diodes are also available in the DO-35 case with
type designation SD103A, B, C
• Pb / RoHS Free
MECHANICAL DATA :
Case: MiniMELF Glass Case (SOD-80C)
Weight: approx. 0.05g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
LL103A
40
LL103B
30
LL103C
20
Single Cycle Surge 60 Hz Sine Wave
IFSM
15
A
Power Dissipation (Infinite Heatsink)
PD
400
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
300
(1)
°C/W
Junction Temperature
TJ
125
°C
Storage temperature range
TS
-55 to + 150
°C
Note: (1) Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
LL103A
VR = 30 V
-
-
5
LL103B
VR = 20 V
-
-
5
LL103C
VR = 10 V
-
-
5
IF = 20mA
-
-
0.37
IF = 200mA
-
-
0.6
Diode Capacitance
Cd
-
50
-
pF
IF = IR = 5mA to 200mA
recover to 0.1IR
Page 1 of 2
Rev. 02 : March 24, 2005
Parameter
VRRM
Repetitive Peak Reverse Voltage
Reverse Current
IR
Test Condition
V
Reverse Recovery Time
VF
Trr
Forward Voltage Drop
VR = 0 V, f = 1MHz
10
-
V
ns
µA
-
Dimensions in inches and ( millimeters )
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
MiniMELF (SOD-80C)
Mounting Pad Layout
0.049 (1.25)Min.
0.197 (5.00)
REF
0.098 (2.50)
Max.
0.079 (2.00)Min.


Similar Part No. - LL103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL103C SEMTECH-LL103C Datasheet
181Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications?
logo
General Semiconductor
LL103C GE-LL103C Datasheet
131Kb / 3P
Schottky Diodes
logo
Diotec Semiconductor
LL103C DIOTEC-LL103C Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
List of Unclassifed Man...
LL103C ETC1-LL103C Datasheet
398Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Weitron Technology
LL103C WEITRON-LL103C Datasheet
173Kb / 3P
Schottky Barrier Diodes
More results

Similar Description - LL103C

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com