Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-RUSB-W10LTSBH Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TPC-RUSB-W10LTSBH
Description  Modular Multi-Touch Panel Computer with 12" XGA / 15" XGA / 17" SXGA / 15.6" FHD / 18.5" HD / 21.5" FHD / 23.8" FHD and 6th Gen. Intel® Core™/ Celeron® Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-RUSB-W10LTSBH Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TPC-RUSB-W10LTSBH Datasheet HTML 1Page - Advantech Co., Ltd. TPC-RUSB-W10LTSBH Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
TPC-5000 Series
Dimensions
Unit: mm
Ordering Information
Configurable System
Box Modules
TPC-B500-6C2AE
TPC-B500-633AE
TPC-B500-653AE
TPC-B500-673AE
Description
Intel® Celeron® 3955U,
4 GB DDR4
Intel® i3-6100U,
8 GB DDR4
Intel® i5-6300U,
8 GB DDR4
Intel® i7-6600U,
8 GB DDR4
Panel
Module P/N
FPM-
D12T-BE
FPM-
D15T-BE
FPM-
D17T-BE
FPM-
D15W-FBE
FPM-
D18W-BE
FPM-
D21W-BE
FPM-
D24W-BE
Description
12.1" XGA
TFT LED
LCD
15" XGA TFT
LED LCD
17" SXGA
TFT LED
LCD
15.6" FHD
TFT LED
LCD
18.5" HD TFT
LED LCD
21.5" FHD
LED LCD
23.8" FHD
TFT LED
LCD
Pre-configured System
ƒ TPC-5152T-633BE
15” XGA touch panel with Intel® Core™ i3-6100U dual-core
processor (2.30 GHz) and 8 GB RAM
ƒ TPC-5172T-633BE
17” SXGA touch panel with Intel® Core™ i3-6100U dual-core
processor (2.30 GHz) and 8 GB RAM
ƒ TPC-5212W-633BE
21.5” FHD touch panel with Intel® Core™ i3-6100U dual-core
processor (2.30 GHz) and 8 GB RAM
*Contact your local sales team for configuration queries.
Optional Accessories
ƒ 1702002600
Power cable (US) 1.8 M
ƒ 1702002605
Power cable (EU) 1.8 M
ƒ 1702031801
Power cable (UK) 1.8 M
ƒ 1700000596-11
Power cable (China/Australia) 1.8 M
ƒ 96PSA-A120W24T2
Adapter 100 ~ 240V 120W 24V 5A
ƒ 98R35000020
mPCIe HDMI & VGA module for TPC 5000
ƒ 98R35000000
USB NFC/RFID module ADT-006 (via CTOS)
ƒ 20703WX9VS0005
Win10 IoT Ent 2019 LTSC Value for Intel® Core™ i3/i5 and
Celeron®
ƒ 20703WX9HS0005
Win10 IoT Ent 2019 LTSC High End for Intel® Core™ i7
ƒ 20703WE7PS0008
Win7 (WS7P) 64-bit for TPC-5000 series
ƒ 20703LEB1S0011
Advantech Linux V1.0.8 for TPC-5000 series
ƒ TPC-RUSB-W10LTSBV
Win10 IoT Enterprise LTSB OS with recovery image for Intel®
Core™ i3/i5 and Celeron®
ƒ TPC-RUSB-W10LTSBH
Win10 IoT Enterprise LTSB OS with recovery image for Intel®
Core™ i7
ƒ TPC-5000T-VMKE
VESA mount kit for TPC-2000/5000 Series
ƒ Wi-Fi
Contact your sales rep. for front panel Wi-Fi module
iDoor Modules
ƒ PCM-24D2R4-AE
2-Port isolated RS-422/485 mPCIe, DB9
ƒ PCM-27D24DI-AE
24-Channel isolated DI/O w/ counter mPCIe, DB37
ƒ PCM-26D2CA-AE
2-Port isolated CANBus mPCIe, CANOpen, DB9
ƒ PCM-24R1TP-AE
1-Port Gigabit Ethernet, Intel® 82574L, mPCIe, RJ45
ƒ PCM-26D1DB-MAE
1-Port Hilscher netX100 fieldbus mPCIe, PROFIBUS, DB9, master
ƒ PCM-23C1CF-BE
1 x CFast Slot via SATA (note: additional cable is required)
*Contact Advantech for more options.
Application Software
Advantech WebAccess is a 100% web-based SCADA (supervisory
control and data acquisition) software that serves as an IIoT
platform by providing open interfaces for partners to develop IoT
applications for diverse vertical markets.
WebAccess/HMI is human-machine interface (HMI) software
based on Microsoft's Windows operating system. This software
features excellent communication and monitoring capabilities,
supports more than 350 PLC communication protocols, and
offers a wide choice of screen design objects to satisfy diverse
integrations of factory automation and HMI operation and
monitoring requirements.
CODESYS is an open control solution that allows users to easily
develop a PC-based real-time control system, enables real-time
PLC or PLC/SoftMotion control with flexible fieldbus options
such as PROFINET, EtherCAT, EtherNet/IP, CANopen, and Modbus
TCP/RTU, and facilitates on-site visualized HMI operation. The
software/hardware flexibility and the stability of a PC-based
cabinet controller are suitable for various control applications in
vertical industries.
TPC-5000
System Dimension
Panel Mount
Wall Thickness
Display type
X1
Y1
Z1
X2
Y2
Z Min.
Z Max.
12'' (XGA)
311.8
238
85.6
303
229
1
6
15'' (XGA)
383.2
307.3
86
374.5
298.5
1
6
15.6" (FHD)
419.7
269
86.8
412.4
261.7
1
6
17'' (SXGA)
410.4
343.4
86.8
401.3
334.8
1
6
18.5" (HD)
488
309
88.8
479.3
300.3
1
6
21.5'' (FHD)
558.4
349.8
88.8
550.3
341.8
1
6
23.8'' (FHD)
595.9
374.1
88.8
587
365.3
1
6
A. Logo
B. iKey
C.Home key
D.Power indicator
Front View
E. Half-size PCIe
F. 2 x mPCIe
G. M.2 for storage
H. DisplayPort
I. 3 x LAN
J. RS-232
K. RS-232/422/485
L. iDoor expansion
M.SSD bay
N. Audio out
O. 2 x USB 3.0
P. 2 x USB 2.0
Q. Power input
E
F
H
I
K
L
N
B
D
Q
P
M
A
C
O
G
J
Rear View
X1
Z1
58.5
X2
Z Min. /Z Max.
R5
Panel Cutout
(Wall Thickness)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com