Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-RUSB-W10LTSBH Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # TPC-RUSB-W10LTSBH
Description  Modular Multi-Touch Panel Computer with 12" XGA / 15" XGA / 17" SXGA / 15.6" FHD / 18.5" HD / 21.5" FHD / 23.8" FHD and 6th Gen. Intel® Core™/ Celeron® Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-RUSB-W10LTSBH Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  TPC-RUSB-W10LTSBH Datasheet HTML 1Page - Advantech Co., Ltd. TPC-RUSB-W10LTSBH Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Modular Panel PCs
Features
TPC-5000 Series
Specifications
General
ƒ
BIOS
AMI UEFI
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL, EAC, 61010
ƒ
Cooling System
Fanless design
ƒ
Enclosure
Front bezel: Die cast aluminum alloy
Back housing: SECC
ƒ
Mount Options
Panel mount kit; VESA mount kit (optional)
ƒ
OS Support
Microsoft® Windows WES7 (32/64-bit), Windows 10 IoT
Enterprise LTSB/LTSC
ƒ
Power Input
24 VDC ± 20%
ƒ
Power Consumption
Typ. 41W; Max. 75W
ƒ
Watchdog Timer
1 ~ 255 sec (system)
Hardware
ƒ
CPU
6th Gen Intel® Celeron® 3955U 2.00 GHz
6th Gen Intel® Core™ i3-6100U 2.30 GHz
6th Gen Intel® Core™ i5-6300U 2.40 GHz
6th Gen Intel® Core™ i7-6600U 2.60 GHz
ƒ
Intel® Celeron® 3955U/Core™ i3-6100U/i5-6300U/i7-6600U processor with
4/8 GB DDR4 SODIMM
ƒ
Industrial-grade LED LCD with a lifespan of 50,000 hours
ƒ
Modular design enables flexible configuration and easy maintenance
ƒ
Display modules available in various sizes with projected capacitive or 5-wire
resistive touch control
ƒ
Programmable home key and iKey for adjusting system settings
ƒ
Built-in TPM 2.0 technology
ƒ
2 x full-size mini-PCIe and 1 x half-size PCIe
ƒ
IP66-rated front panel protects against water and dust
ƒ
3 x LAN with multiple fieldbus protocol support and LAN surge protection
ƒ
Panel logo can be customized
ƒ
Supports SSD expansion
Modular Multi-Touch Panel Computer
with 12" XGA / 15" XGA / 17" SXGA /
15.6" FHD / 18.5" HD / 21.5" FHD /
23.8" FHD and 6th Gen. Intel® Core™/
Celeron® Processor
Introduction
The TPC-5000 series is the first of Advantech’s TPC range of modularized industrial panel solutions. TPC-5000 series systems comprise a box module powered by a 6th Gen Intel®
Core™/Celeron® processor combined with an industrial-grade LED LCD module, providing compact and fanless control panel solutions that support high-performance computing.
Built to withstand diverse industrial environments, the TPC-5000 display modules feature an IP66-rated front panel for water and dust resistance, a scratch-resistant glass panel
that supports projected capacitive or 5-wire resistive touch control, and a robust enclosure with die-cast aluminum alloy front bezel. Meanwhile, the TPC-5000 box modules feature
MRAM and TPM 2.0 technology and 3 x LANs with surge protection and multiple fieldbus protocol support for increased data security and network connectivity. Designed for flexible
expansion and easy maintenance, TPC-5000 series systems can also be integrated with optional iDoor and Wi-Fi/NFC modules for enhanced functionality.
Display Panel Modules
Part Number
FPM-D12T-BE
FPM-D15T-BE
FPM-D17T-BE
FPM-D15W-FBE FPM-D18W-BE
FPM-D21W-BE
FPM-D24W-BE
LCD Panel
Display Size
12"
15"
17"
15.6"
18.5"
21.5"
23.8"
Display Type
XGA TFT LED LCD XGA TFT LED LCD SXGA TFT LED
LCD
FHD TFT LED LCD HD TFT LED LCD
FHD TFT LED LCD FHD TFT LED LCD
Aspect Ratio
4:3
5:4
16:9
Max.Resolution
1024 x 768
1024 x 768
1280 x 1024
1920 x 1080
1366 x 768
1920 x 1080
1920 x 1080
Max. Color
16.2M
16.7M
16.7M
16.7M
16.7M
16.7M
16.7M
Luminance
600 cd/m²
300 cd/m²
350 cd/m²
450 cd/m²
250 cd/m²
250 cd/m²
350 cd/m²
Viewing Angle (H/V)
178°/178°
176°/176°
160°/140°
170°/170°
170°/160°
178°/178°
178°/178°
Backlight Life
50,000 hr
70,000 hr
50,000 hr
50,000 hr
30,000 hr
50,000 hr
30,000 hr
Contrast Ratio
1000:1
2000:1
800:1
800:1
1000:1
1000:1
1000:1
Touchscreen
Type
5-Wire resistive
PCAP
PCAP
PCAP
PCAP
PCAP
PCAP
Light Transmission
Above 75%
90% ± 3%
90% ± 3%
90% ± 3%
90% ± 3%
90% ± 3%
90% ± 3%
Anti-Glare Treatment
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Built-In iKey
N/A
Yes
Yes
Yes
Yes
Yes
Yes
Expandibility
WiFi/NFC Support on
Front Panel
N/A
Optional (Please contact Advantech for more information.)
ƒ
Memory
TPC-B500-6C2AE: 4 GB DDR4 2133 MHz SODIMM SDRAM
(up to 16 GB)
TPC-B500-633AE/653AE/673AE: 8 GB DDR4 2133 MHz
SODIMM SDRAM (up to 32 GB)
ƒ
LAN
3 x 10/100/1000BASE-T (2 x Intel® I210, 1 x Intel® I219)
ƒ
Expansion Slots
1 x Half-size PCIe
(Lanes: x1; Max. Dimension: 167.65 mm x 64.41 mm x
14.48 mm (D x W x H))
2 x Full-size mini PCIe
ƒ
Storage
1 x M.2 (2280) SATA slot
1 x 2.5" SATA SSD slot
1 x CFast (optional via iDoor module)
ƒ
I/O
1 x RS-232, 1 x RS-232/422/485
2 x USB 3.0, 2 x USB 2.0
1 x Audio line out
1 x DisplayPort 1.2 Out
Environment
ƒ
Humidity
10 ~ 95% RH @ 40 °C, non-condensing
ƒ
Ingress Protection
IP66-rated front panel
ƒ
Vibration Protection
With SSD: 3 Grms (5 ~ 500 Hz) (operating, random vibration)
ƒ
Operating Temperature 0 ~ 55 °C (32 ~ 131°F); 0 ~ 50 °C (32 ~ 122 °F) for 18.5"
display panel
ƒ
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
All product specifications are subject to change without notice.
Last updated: 5-Jan-2021


Similar Part No. - TPC-RUSB-W10LTSBH

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPC-REM-240-24 TRACOPOWER-TPC-REM-240-24 Datasheet
432Kb / 4P
TPC Series, 30 to 120 Watt
Rev. February 1, 2021
TPC-REM240-24 TRACOPOWER-TPC-REM240-24 Datasheet
432Kb / 4P
TPC Series, 30 to 120 Watt
Rev. February 1, 2021
TPC-REM240-48 TRACOPOWER-TPC-REM240-48 Datasheet
432Kb / 4P
TPC Series, 30 to 120 Watt
Rev. February 1, 2021
More results

Similar Description - TPC-RUSB-W10LTSBH

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3217W-881-PCT AXIOMTEK-GOT3217W-881-PCT_17 Datasheet
479Kb / 2P
21.5 FHD TFT Fanless Multi-touch Panel Computer with LGA1150 Socket 4th Gen
GOT3217WL-845-PCT AXIOMTEK-GOT3217WL-845-PCT Datasheet
519Kb / 2P
21.5 FHD TFT Multi-touch Panel Computer with Intel Pentium Processor N3710
GOT321W-502-PCT AXIOMTEK-GOT321W-502-PCT Datasheet
544Kb / 2P
21.5 FHD TFT Multi-touch Panel Computer with 7th/6th Gen Intel짰 Core??i7/i5/i3 Processor
logo
Advantech Co., Ltd.
TPC-324W-EHL ADVANTECH-TPC-324W-EHL Datasheet
546Kb / 2P
23.8" FHD Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
TPC-324W ADVANTECH-TPC-324W Datasheet
610Kb / 2P
23.8" FHD TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/i5/i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
TPC-1881WP ADVANTECH-TPC-1881WP Datasheet
745Kb / 2P
18.5" HD TFT LED LCD Multi-Touch Panel Computer with 4th Gen. Intel® Core™ i3/ i7 Processor
5-Jan-2021
TPC-1282T ADVANTECH-TPC-1282T Datasheet
656Kb / 2P
12.1" XGA TFT LED LCD Touch Panel Computer with 5th Gen. Intel® Celeron® Processor
5-Jan-2021
TPC-1582H ADVANTECH-TPC-1582H Datasheet
713Kb / 2P
15" XGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
TPC-1881WPH ADVANTECH-TPC-1881WPH Datasheet
784Kb / 2P
18.5 FHD TFT LED LCD Intel® 4th Generation Core i5 Multi-Touch Panel Computer
5-Jan-2021
TPC-B200 ADVANTECH-TPC-B200_V01 Datasheet
294Kb / 3P
Interchangeable Display Modules with 12" XGA / 15" XGA / 17" SXGA/ 19" SXGA / 15.6" FHD / 18.5" HD / 21.5" FHD / 23.8" FHD
4-Jan-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com