Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM488
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM488 Datasheet HTML 5Page - Analog Devices ADM488 Datasheet HTML 6Page - Analog Devices ADM488 Datasheet HTML 7Page - Analog Devices ADM488 Datasheet HTML 8Page - Analog Devices ADM488 Datasheet HTML 9Page - Analog Devices ADM488 Datasheet HTML 10Page - Analog Devices ADM488 Datasheet HTML 11Page - Analog Devices ADM488 Datasheet HTML 12Page - Analog Devices ADM488 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM488/ADM489
Rev. D | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
40
35
0
1.0
1.5
20
15
10
5
30
25
OUTPUT VOLTAGE (V)
0
0.5
2.0
2.5
Figure 15. Output Current vs. Receiver Output Low Voltage
3.4
3.6
5.0
3.8
4.0
4.2
4.4
4.6
4.8
OUTPUT VOLTAGE (V)
–20
–10
–5
0
–15
Figure 16. Output Current vs. Receiver Output High Voltage
0.5
1.0
1.5
2.0
2.5
90
80
0
40
30
20
10
70
50
60
OUTPUT VOLTAGE (V)
03.0
Figure 17. Output Current vs. Driver Output Low Voltage
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
–10
–90
–50
–60
–70
–80
–20
–40
–30
OUTPUT VOLTAGE (V)
05.0
Figure 18. Output Current vs. Driver Output High Voltage
80
0
70
40
30
20
10
60
50
OUTPUT VOLTAGE (V)
00.5
4.5
1.0
1.5
2.0
3.0
3.5
4.0
2.5
Figure 19. Output Current vs. Driver Differential Output Voltage
10
0%
100
90
T
T
T
RO
DI
Figure 20. Driving 4000 Ft. of Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com