Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM488
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM488 Datasheet HTML 7Page - Analog Devices ADM488 Datasheet HTML 8Page - Analog Devices ADM488 Datasheet HTML 9Page - Analog Devices ADM488 Datasheet HTML 10Page - Analog Devices ADM488 Datasheet HTML 11Page - Analog Devices ADM488 Datasheet HTML 12Page - Analog Devices ADM488 Datasheet HTML 13Page - Analog Devices ADM488 Datasheet HTML 14Page - Analog Devices ADM488 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM488/ADM489
Rev. D | Page 11 of 16
THEORY OF OPERATION
The ADM488/ADM489 are ruggedized RS-485 transceivers
that operate from a single 5 V supply. They contain protection
against radiated and conducted interference and are ideally
suited for operation in electrically harsh environments or where
cables can be plugged/unplugged. They are also immune to
high RF field strengths without special shielding precautions.
They are intended for balanced data transmission and comply
with both EIA RS-485 and RS-422 standards. They contain a
differential line driver and a differential line receiver, and are
suitable for full-duplex data transmission.
The input impedance on the ADM488/ADM489 is 12 kΩ,
allowing up to 32 transceivers on the differential bus. The
ADM488/ADM489 operate from a single 5 V ± 10% power
supply. A thermal shutdown circuit prevents excessive power
dissipation caused by bus contention or by output shorting.
This feature forces the driver output into a high impedance state
if, during fault conditions, a significant temperature increase is
detected in the internal driver circuitry.
The receiver contains a fail-safe feature that results in a logic
high output state if the inputs are unconnected (floating). A
high level of robustness is achieved using internal protection
circuitry, eliminating the need for external protection com-
ponents such as tranzorbs or surge suppressors. Furthermore,
low electromagnetic emissions are achieved using slew limited
drivers, minimizing interference both conducted and radiated.
The ADM488/ADM489 can transmit at data rates up to
250 kbps. A typical application for the ADM488/ADM489 is
illustrated in Figure 24 showing a full-duplex link where data is
transferred at rates of up to 250 kbps. A terminating resistor is
shown at both ends of the link. This termination is not critical
because the slew rate is controlled by the ADM488/ADM489
and reflections are minimized.
ADM488
D
RO
DI
A
B
Z
Y
DE
5V
0.1µF
RS-485/RS-422 LINK
R
R
ADM489
5V
0.1µF
D
RO
DI
DE
GND
GND
VCC
VCC
A
B
Z
Y
RE
RE
Figure 24. ADM488/ADM489 Full-Duplex Data Link
The communications network can be extended to include
multipoint connections, as shown in Figure 30. As many as
32 transceivers can be connected to the bus.
Table 6 and Table 7 show the truth tables for transmitting and
receiving.
Table 6. Transmitting Truth Table
Inputs
Outputs
RE
DE
DI
Z
Y
X1
1
1
0
1
X1
1
0
1
0
0
0
X1
Hi-Z
Hi-Z
1
0
X1
Hi-Z
Hi-Z
1 X = Don’t care.
Table 7. Receiving Truth Table
Inputs
Output
RE
DE
A to B
RO
0
0
≥ +0.2 V
1
0
0
≤
−0.2 V
0
0
0
Inputs O/C
1
1
0
X1
Hi-Z
1 X = Don’t care.
EFT TRANSIENT PROTECTION SCHEME
The ADM488/ADM489 use protective clamping structures on
their inputs and outputs that clamp the voltage to a safe level
and dissipate the energy present in ESD (electrostatic) and EFT
(electrical fast transients) discharges.
FAST TRANSIENT BURST IMMUNITY (IEC1000-4-4)
IEC1000-4-4 (previously 801-4) covers electrical fast transient
burst (EFT) immunity. Electrical fast transients occur as a result
of arcing contacts in switches and relays. The tests simulate the
interference generated when, for example, a power relay disconnects
an inductive load. A spark is generated due to the well known
back EMF effect. In fact, the spark consists of a burst of sparks
as the relay contacts separate. The voltage appearing on the line,
therefore, consists of a burst of extremely fast transient impulses.
A similar effect occurs when switching on fluorescent lights.
The fast transient burst test, defined in IEC1000-4-4, simulates
this arcing, and its waveform is illustrated in Figure 25. It
consists of a burst of 2.5 kHz to 5 kHz transients repeating at
300 ms intervals. It is specified for both power and data lines.
Four severity levels are defined in terms of an open-circuit voltage
as a function of installation environment. The installation
environments are defined as
•
Well protected
•
Protected
•
Typical industrial
•
Severe industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com