Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488ABRMZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM488ABRMZ
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488ABRMZ Datasheet(HTML) 5 Page - Analog Devices

  ADM488ABRMZ Datasheet HTML 1Page - Analog Devices ADM488ABRMZ Datasheet HTML 2Page - Analog Devices ADM488ABRMZ Datasheet HTML 3Page - Analog Devices ADM488ABRMZ Datasheet HTML 4Page - Analog Devices ADM488ABRMZ Datasheet HTML 5Page - Analog Devices ADM488ABRMZ Datasheet HTML 6Page - Analog Devices ADM488ABRMZ Datasheet HTML 7Page - Analog Devices ADM488ABRMZ Datasheet HTML 8Page - Analog Devices ADM488ABRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADM488A/ADM489A
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
7 V
Inputs
Driver Input (DI)
−0.3 V to VCC + 0.3 V
Control Inputs (DE, RE)
−0.3 V to VCC + 0.3 V
Receiver Inputs (A, B)
−14 V to +14 V
Outputs
Driver Outputs
−14 V to +12.5 V
Receiver Output
−0.5 V to VCC + 0.5 V
Power Dissipation 8-Lead SOIC
520 mW
θJA, Thermal Impedance
110°C/W
Power Dissipation 14-Lead SOIC
800 mW
θJA, Thermal Impedance
120°C/W
Operating Temperature Range
Industrial (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD Protection on All Pins
Human Body Model (HBM)
±4 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
Rev. B | Page 5 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com