Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM488ABRMZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADM488ABRMZ
Description  Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM488ABRMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM488ABRMZ Datasheet HTML 8Page - Analog Devices ADM488ABRMZ Datasheet HTML 9Page - Analog Devices ADM488ABRMZ Datasheet HTML 10Page - Analog Devices ADM488ABRMZ Datasheet HTML 11Page - Analog Devices ADM488ABRMZ Datasheet HTML 12Page - Analog Devices ADM488ABRMZ Datasheet HTML 13Page - Analog Devices ADM488ABRMZ Datasheet HTML 14Page - Analog Devices ADM488ABRMZ Datasheet HTML 15Page - Analog Devices ADM488ABRMZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADM488A/ADM489A
COMPLIANT TO JEDEC STANDARDS MO-187-BA
6°
0°
0.70
0.55
0.40
5
10
1
6
0.50 BSC
0.30
0.15
1.10 MAX
3.10
3.00
2.90
COPLANARITY
0.10
0.23
0.13
3.10
3.00
2.90
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 25. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AB
14
8
7
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
8.75 (0.3445)
8.55 (0.3366)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
Figure 26. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-14)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature
Range
Package Description
Package
Option
Branding
ADM488ABRMZ
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
F0F
ADM488ABRMZ-REEL7
−40°C to +85°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
F0F
ADM488ABRZ
−40°C to +85°C
8-Lead Standard Small Outline Package, Narrow Body [SOIC_N]
R-8
ADM488ABRZ-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package, Narrow Body [SOIC_N]
R-8
ADM489ABRMZ
−40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
F0G
ADM489ABRMZ-REEL7
−40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
F0G
ADM489ABRZ
−40°C to +85°C
14-Lead Standard Small Outline Package, Narrow Body [SOIC_N]
R-14
ADM489ABRZ-REEL7
−40°C to +85°C
14-Lead Standard Small Outline Package, Narrow Body [SOIC_N]
R-14
1
Z = RoHS Compliant Part.
Rev. B | Page 15 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com