Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1891069 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1891069
Description  PCB terminal block - FK-MPT 0,5/ 2-3,5
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1891069 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1891069 Datasheet HTML 1Page - PHOENIX CONTACT 1891069 Datasheet HTML 2Page - PHOENIX CONTACT 1891069 Datasheet HTML 3Page - PHOENIX CONTACT 1891069 Datasheet HTML 4Page - PHOENIX CONTACT 1891069 Datasheet HTML 5Page - PHOENIX CONTACT 1891069 Datasheet HTML 6Page - PHOENIX CONTACT 1891069 Datasheet HTML 7Page - PHOENIX CONTACT 1891069 Datasheet HTML 8Page - PHOENIX CONTACT 1891069 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB terminal block, nominal current: 4 A, rated voltage (III/2): 250 V, nominal cross section: 0.5
mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2, product range:
FK-MPT 0,5/..-V, pitch: 3.5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Intuitive use through colour coded actuation lever
•
Potentials can be easily looped through – ideal for BUS applications
•
Small component size for applications where space is at a premium
•
Vertical connection enables multi-row arrangement on the PCB
•
Commercial Data
Item number
1891069
Packing unit
1 pc
Minimum order quantity
50 pc
Note
Made to Order (non-returnable)
Sales Key
A03
Product Key
AAKBCB
Catalog Page
Page 403 (C-1-2013)
GTIN
4017918169589
Weight per Piece (including packing)
0.91 g
Weight per Piece (excluding packing)
0.897 g
Customs tariff number
85369010
Country of origin
IN
PCB terminal block - FK-MPT 0,5/ 2-3,5
1891069
https://www.phoenixcontact.com/us/products/1891069
Jan 10, 2023, 5:03 AM
Page 1 (11)


Similar Part No. - 1891069

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1891060000 WEIDMULLER-1891060000 Datasheet
358Kb / 5P
SLD 3.50 V/06/180F 3.2 SN OR BX
More results

Similar Description - 1891069

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1891085 PHOENIX-1891085 Datasheet
87Kb / 5P
PCB terminal block - FK-MPT 0,5/ 4-3,5
1891140 PHOENIX-1891140 Datasheet
118Kb / 7P
PCB terminal block - FK-MPT 0,5/10-3,5
1928770 PHOENIX-1928770 Datasheet
131Kb / 6P
PCB terminal block - FK-MPT 0,5/ 3-3,5-H
1913921 PHOENIX-1913921 Datasheet
107Kb / 6P
PCB terminal block - FK-MPT 0,5/ 2-ST-3,5
1931835 PHOENIX-1931835 Datasheet
104Kb / 4P
PCB terminal block - FK-MPT 0,5/ 2-3,5 (VPE1000)
11/05/2018
1931945 PHOENIX-1931945 Datasheet
97Kb / 3P
PCB terminal block - FK-MPT 0,5/13-3,5 (VPE500)
11/05/2018
1891098 PHOENIX-1891098 Datasheet
388Kb / 11P
PCB terminal block - FK-MPT 0,5/ 5-3,5
Jan 10, 2023
1891153 PHOENIX-1891153 Datasheet
354Kb / 11P
FK-MPT 0,5/11-3,5 - PCB terminal block
1891182 PHOENIX-1891182 Datasheet
355Kb / 11P
FK-MPT 0,5/14-3,5 - PCB terminal block
1928767 PHOENIX-1928767 Datasheet
405Kb / 10P
FK-MPT 0,5/ 2-3,5-H - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com