Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1891069 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1891069
Description  PCB terminal block - FK-MPT 0,5/ 2-3,5
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1891069 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1891069 Datasheet HTML 1Page - PHOENIX CONTACT 1891069 Datasheet HTML 2Page - PHOENIX CONTACT 1891069 Datasheet HTML 3Page - PHOENIX CONTACT 1891069 Datasheet HTML 4Page - PHOENIX CONTACT 1891069 Datasheet HTML 5Page - PHOENIX CONTACT 1891069 Datasheet HTML 6Page - PHOENIX CONTACT 1891069 Datasheet HTML 7Page - PHOENIX CONTACT 1891069 Datasheet HTML 8Page - PHOENIX CONTACT 1891069 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Data
Product properties
Type
PC termination block
Product line
COMBICON Terminals XS
Product type
Printed circuit board terminal
Number of positions
2
Pitch
3.5 mm
Number of connections
4
Number of rows
1
Mounting flange
without
Number of potentials
2
Pin layout
Linear pinning
Solder pins per potential
1
Electrical properties
Nominal current IN
4 A
Nominal voltage UN
250 V
Degree of pollution
3
Rated voltage (III/3)
160 V
Rated surge voltage (III/3)
2.5 kV
Rated voltage (III/2)
250 V
Rated surge voltage (III/2)
2.5 kV
Connection data
Conductor connection
Connection method
Push-in spring connection
Conductor cross section solid
0.12 mm² ... 0.5 mm²
Conductor cross section AWG
26 ... 20
Stripping length
6.5 mm
Mounting
Mounting type
Wave soldering
Pin layout
Linear pinning
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Steel/copper
Surface characteristics
Tin-plated
Metal surface terminal point (top layer)
Tin (5 - 7 µm Sn)
Metal surface terminal point (middle layer)
Copper (2 - 3 µm Cu)
PCB terminal block - FK-MPT 0,5/ 2-3,5
1891069
https://www.phoenixcontact.com/us/products/1891069
Jan 10, 2023, 5:03 AM
Page 2 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com