Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1928521 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1928521
Description  Pitch spacer - RZ-ZFKDS 4
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1928521 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1928521 Datasheet HTML 1Page - PHOENIX CONTACT 1928521 Datasheet HTML 2Page - PHOENIX CONTACT 1928521 Datasheet HTML 3Page - PHOENIX CONTACT 1928521 Datasheet HTML 4Page - PHOENIX CONTACT 1928521 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Pitch spacer, 2.5 mm wide
Commercial Data
Item number
1928521
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
A02
Product Key
AARZCA
Catalog Page
Page 451 (CC-2007)
GTIN
4017918818715
Weight per Piece (including packing)
1.288 g
Weight per Piece (excluding packing)
1.288 g
Customs tariff number
85389099
Country of origin
PL
Pitch spacer - RZ-ZFKDS 4
1928521
https://www.phoenixcontact.com/us/products/1928521
Jan 10, 2023, 4:47 AM
Page 1 (5)


Similar Part No. - 1928521

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1928520000 WEIDMULLER-1928520000 Datasheet
566Kb / 5P
BVL 7.62HP/04/90SFI 3.5SN BK BX
More results

Similar Description - 1928521

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124204 ADELS-124204 Datasheet
118Kb / 2P
500 RZ/ 4
20/01/2020
logo
PHOENIX CONTACT
1701052 PHOENIX-1701052 Datasheet
50Kb / 2P
Pitch spacer - RZ 2,5
09/11/2020
1772595 PHOENIX-1772595 Datasheet
55Kb / 3P
Pitch spacer - RZ-SPT 2,5-2,5
09/12/2020
1934612 PHOENIX-1934612 Datasheet
50Kb / 2P
Pitch spacer - RZ-ZFKKDS 2,5
09/12/2020
1700794 PHOENIX-1700794 Datasheet
107Kb / 5P
Pitch spacer - RZ 2,5-FRONT 2,5 V-EX
Nov 30, 2022
1701065 PHOENIX-1701065 Datasheet
97Kb / 4P
Pitch spacer - RZ-KDS10
Jan 3, 2023
1931039 PHOENIX-1931039 Datasheet
107Kb / 5P
Pitch spacer - RZ-ZFKDS 2,5
Jan 10, 2023
1772605 PHOENIX-1772605 Datasheet
178Kb / 5P
RZ-SPT 2,5-5,0 - Pitch spacer
1705029 PHOENIX-1705029 Datasheet
170Kb / 4P
RZ-KDS 2,5 - Pitch spacer
1701534 PHOENIX-1701534 Datasheet
170Kb / 4P
RZ-SPT 5-4 H - Pitch spacer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com