Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1928521 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1928521
Description  Pitch spacer - RZ-ZFKDS 4
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1928521 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1928521 Datasheet HTML 1Page - PHOENIX CONTACT 1928521 Datasheet HTML 2Page - PHOENIX CONTACT 1928521 Datasheet HTML 3Page - PHOENIX CONTACT 1928521 Datasheet HTML 4Page - PHOENIX CONTACT 1928521 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Product properties
Product type
Pitch spacer
Number of positions
1
Pitch
0 mm
Material specifications
Color
green
Dimensions
Pitch
0 mm
Pitch spacer - RZ-ZFKDS 4
1928521
https://www.phoenixcontact.com/us/products/1928521
Jan 10, 2023, 4:47 AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com