Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-CTR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # USB-CTR
Description  High-Speed Counter/Timer Devices with Digital I/O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-CTR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  USB-CTR Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Measurement Computing
(508) 946-5100
7
info@mccdaq.com
mccdaq.com
USB-CTR Series
Specifications
All specifications are subject to change without notice. Typical for 25°C unless
noted otherwise.
These specifications apply to both USB-CTR Series standard and OEM versions
unless noted otherwise.
Counter
Counter type: FPGA
Counters
USB-CTR08: 8
USB-CTR04: 4
Each counter channel has a corresponding input, gate, and output connector
Counter input modes: Totalize, Pulse width, Period, Timing
Mode options: Non-Recycle, range limit, clear on read, up/down
Gate options: Clear|reload, direction control, gate, count trigger; mode dependent
Resolution: Up to 64-bits (software-selectable)
Maximum input frequency: 48 MHz
Debounce times: 16 steps from 500 ns to 25.5 ms; positive or negative edge sensi-
tive; glitch detect mode or debounce mode; software-selectable.
Timebase and accuracy: 96 MHz (24 MHz – 30 ppm with a 4x DLL (delay-locked
loop))
Counter read pacer: Internal or external scan pacer up to 4 MHz
Period/pulse width/timing resolution: 20.83 ns; 208.3 ns; 2.083 µs; or 20.83 µs
Input type (counter input and gate connectors): Schmitt trigger, 47 kΩ pull-
down to ground with 33 Ω in series
Schmitt trigger hysteresis (C0IN to C7IN and C0GT to C7GT): 0.76 V typ,
0.4 V min, 1.2 V max
Input high voltage threshold (C0IN to C7IN and C0GT to C7GT): 1.74 V typ,
1.3 V min, 2.2 V max
Input high voltage limit (C0IN to C7IN and C0GT to C7GT): 5.5 V absolute max
Input low voltage threshold (C0IN to C7IN and C0GT to C7GT): 0.98 V typ,
0.6 V min, 1.5 V max
Input low voltage limit (C0IN to C7IN and C0GT to C7GT): –0.5 V absolute
min, 0 V recommended min
Output high voltage: 4.4 V min (IOH = –50 µA); 3.76 V min (IOH = –24 mA)
Output low voltage: 0.1 V max (IOL = 50 µA); 0.44 V max (IOL = 24 mA)
Output current: 24 mA max per pin, constrained to 240 mA across all output pins
(counter outputs, timer outputs, digital outputs, pacer clock output, and +VO)
Timers
Terminal names: TMR0, TMR1, TMR2, TMR3
Timer type: PWM output with count, period, delay, and pulse width registers
Output value: Default state is idle low with pulses high, software-selectable
output invert
Internal clock frequency: 96 MHz
Effective frequency range: 0.022 Hz to 48 MHz
Register widths: 32-bit
High pulse width: 10.42 ns min
Low pulse width: 10.42 ns min
Output high voltage: 4.4 V min (IOH = –50 µA); 3.76 V min (IOH = –24 mA)
Output low voltage: 0.1 V max (IOL = 50 µA); 0.44 V max (IOL = 24 mA)
Output current: 24 mA max per pin, constrained to 240 mA across all output pins
(counter outputs, timer outputs, digital outputs, pacer clock output, and +VO)
Digital Input/Output
Digital type: TTL
Number of I/O: 8
Configuration: Bit-configurable as input (power on default) or output
Pull-up configuration: The port has a 47 k
Ω resistor configurable as a pull-up or
pull-down (default) with an internal jumper.
Digital I/O transfer rate (system-paced, asynchronous): 33 to 8000 port reads/
writes or single bit reads/writes per second typical, system dependent.
Digital input pacing: Onboard clock, external input scan clock (CLKI)
Digital input trigger source: External single channel digital trigger (TRIG)
Input high voltage: 2.0 V min, 5.0 V absolute max
Input low voltage: 0.8 V max, 0 V recommended min
Output high voltage: 4.4 V min (IOH = –50 µA), 3.76 V min (IOH = –24 mA)
Output low voltage: 0.1 V max (IOL = 50 µA), 0.44 V max (IOL = 24 mA)
Output current: 24 mA max per pin, constrained to 240 mA across all output pins
(counter outputs, timer outputs, digital outputs, pacer clock output, and +VO)
External Trigger
Trigger source: External digital; TRIG terminal
Trigger mode: Software-selectable for edge or level sensitive, rising or falling
edge, high or low level.
Trigger latency: 100 ns max
Trigger pulse width: 100 ns min
Input type: Schmitt trigger, 47 k
Ω pull-down to ground with 33 Ω in series
Schmitt trigger hysteresis: 0.76 V typ, 0.4 V min, 1.2 V max
Input high voltage threshold: 1.74 V typ, 1.3 V min, 2.2 V max
Input high voltage limit: 5.5 V absolute max
Input Low voltage threshold: 0.98 V typ, 0.6 V min, 1.5 V max
Input low voltage limit: –0.5 V absolute min, 0 V recommended min
External Clock Input/Output
Terminal names: CLKI, CLKO
Terminal type
CLKI: Input, active on rising edge
CLKO: Output, power on default is 0 V, active on rising edge
Input clock frequency: 4 MHz, max
Input clock pulse width:10.417 ns min
Input type: Schmitt trigger, 47 kΩ pull-down to ground with 33 Ω in series
Input Schmitt trigger hysteresis: 0.76 V typ, 0.4 V min, 1.2 V max
Input high voltage threshold: 1.74 V typ, 1.3 V min, 2.2 V max
Input high voltage limit: 5.5 V absolute max
Input low voltage threshold: 0.98 V typ, 0.6 V min, 1.5 V max
Input low voltage limit: –0.5 V absolute min,0 V recommended min
Output clock frequency: 4 MHz, max
Output clock pulse width: 10.417 ns
Output high voltage: 4.4 V min (IOH = –50 µA), 3.78 V min (IOH = –24 mA)
Output low voltage: 0.1 V max (IOL = 50 µA), 0.44 V max (IOL = 24 mA)
Output current: 24 mA max per pin, constrained to 240 mA across all output pins
(counter outputs, timer outputs, digital outputs, pacer clock output, and +VO)
Memory
FIFO: 8 KS
Non-volatile EEPROM: 32 KB (10 KB firmware storage, 22 KB calibration/user data)
Power
Supply current, USB source
During enumeration: < 100 mA
After USB enumeration: < 500 mA
+VO power available: After USB enumeration: 5 V, ± 5%
+VO output current: After USB enumeration: 24 mA max per pin, constrained to
240 mA across all output pins (counter outputs, timer outputs, digital outputs,
pacer clock output, and +VO)
USB
USB device type: USB 2.0 (high-speed)
Device compatibility: USB 1.1, USB 2.0, USB 3.0
USBcabletype:A-Bcable,ULtypeAWM2725orequivalent.(min24AWGVBUS/GND,
min 28 AWG D+/D–)
USB cable length: 3 m (9.84 ft) max
Environmental
Operating temperature range: 0 °C to 50 °C
Storage temperature range: –40 °C to 70 °C
Humidity: 0% to 90% non-condensing
Mechanical
Dimensions (L × W × H)
Standard versions: 127 × 89.9 × 35.6 mm (5.00 × 3.53 × 1.40 in.)
OEM versions: 127 × 89.9 × 35.6 mm (4.7 × 3.4 × 0.60 in.)
User connection length: 3 m (9.84 ft) max
Signal Connector
Standard versions: Two banks of screw-terminal blocks
Wire gauge range: 16 AWG to 30 AWG
OEM versions: Two 1 × 28 pin 0.1 in. pitch headers, labeled W1 and W3
Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com