Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-CTR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-CTR
Description  High-Speed Counter/Timer Devices with Digital I/O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-CTR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-CTR Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-CTR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-CTR Series
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-CTR Series
High-Speed Counter/Timer Devices with Digital I/O
USB-CTR Series devices support multiple counter input modes and synchronous operation
Counter I/O and Gating
USB-CTR Series devices support an aggre-
gate throughput rate of 8 MB/s.
USB-CTR Series devices can be configured
for any resolution up to 64-bits, eliminat-
ing the need to cascade counters. The
following data streaming rates for these
common resolution setting are supported:
• 16-bit: 4 MS/s
• 32-bit: 2 MS/s
• 64-bit: 1 MS/s
Each counter channel has a connection
point for counter input, counter output,
and counter gate.
Counter Inputs
Counter inputs can be read asynchro-
nously under program control, or syn-
chronously with digital inputs as part of
a digital scan group.
In both cases, counters can be configured
to function in one of the following ways:
• counter resets to 0 after each read
• counter counts up or down and
then rolls over at a user-set limit
• counter counts until the user-set
limit has been reached
Counter inputs can concurrently moni-
tor time periods, frequencies, pulses, and
other event-driven incremental occur-
rences directly from pulse-generators,
limit switches, proximity switches, and
magnetic pick-ups.
Counter Gates
Counter gates use input signals to clear
a counter, change counter direction, or
start/stop counting. Gate options are
software-selectable.
Counter Outputs
Counter outputs can be used to control or
transmit signals to external devices, and
also to counter inputs, counter gates, or
digital inputs on a USB-CTR Series device.
USB-CTR Series Selection Chart
Model
Counter I/O
and Gates
Aggregate
Scan Rate
PWM
Timers
Signal
I/O
USB Cable
and SW CD
USB-CTR04
4
8 MB/s
4
Screw Terminal
✔
USB-CTR08
8
8 MB/s
4
Screw Terminal
✔
USB-CTR04-OEM
4
8 MB/s
4
Header
–
USB-CTR08-OEM
8
8 MB/s
4
Header
–
Features
• High-speed pulse counter for
general counting applications
• Up to 8 counter channels
• 48 MHz maximum input
frequency
• Software-selectable resolution
up to 64-bits
• Aggregate scan rate of 8 MB/s
• Supports Totalize, Period, Pulse-
width, and Timing counter
input modes
• Four independent pulse-width
modulation (PWM) timers
• Eight bit-configurable digital
I/O channels
• Synchronous high-speed reads
of digital and counter inputs
Supported Operating Systems
• Windows®
11/10/8/7/Vista®
XP 32/64-bit
• Linux®
Overview
USB-CTR Series devices provide high-speed counter/timer operations synchronized
with digital I/O functions. Both the eight-channel USB-CTR08 and the four-channel
USB-CTR04 feature high frequency and scan rates, debounce filtering, support for
multiple counting modes, and software-selectable resolution up to 64 bits. Both
devices also provide eight individually-configurable digital I/O channels.


Similar Part No. - USB-CTR

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
USB-CTR-15 ADL-USB-CTR-15 Datasheet
216Kb / 3P
Enclosure, module and screw terminal board
USB-CTR-15-OEM ADL-USB-CTR-15-OEM Datasheet
216Kb / 3P
Enclosure, module and screw terminal board
USB-CTR-15E ADL-USB-CTR-15E Datasheet
216Kb / 3P
Enclosure, module and screw terminal board
More results

Similar Description - USB-CTR

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z0803606 ZILOG-Z0803606 Datasheet
1Mb / 27P
Counter/Timer and Parallel I/O Unit
Z8036 ZILOG-Z8036 Datasheet
3Mb / 79P
Z-CIO AND CIO COUNTER / TIMER AND PARALLRL I/O UNIT
logo
List of Unclassifed Man...
PCIB40 ETC2-PCIB40 Datasheet
287Kb / 16P
40-Ch Digital I/O & Counter Board
logo
ADL Embedded Solutions
P104-DIO-96 ADL-P104-DIO-96 Datasheet
1Mb / 2P
96 High-Speed Digital I/O?셲
logo
Intronics Power, Inc.
RTI-827 INTRONICS-RTI-827 Datasheet
754Kb / 4P
IBM PC/XT/AT Compatible Counter/Timer I/O Board
logo
National Instruments Co...
USB-6501 NI-USB-6501 Datasheet
301Kb / 5P
Small, portable digital I/O device/24 digital I/O lines, one 32-bit counter
logo
List of Unclassifed Man...
MB961 ETC2-MB961 Datasheet
838Kb / 1P
Watchdog timer, Digital I/O, iSMART
logo
ATMEL Corporation
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
Multifunction Timer/Counter with
logo
Keysight Technologies
L4450A KEYSIGHT-L4450A Datasheet
1Mb / 11P
64-Bit Digital I/O with Memory and Counter
logo
List of Unclassifed Man...
USB-DIO32HS ETC-USB-DIO32HS Datasheet
847Kb / 4P
High-Speed Digital I/O
April 2018. Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com