Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL216 Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT83SL216
Description  16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL216 Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT83SL216 Datasheet HTML 25Page - Exar Corporation XRT83SL216 Datasheet HTML 26Page - Exar Corporation XRT83SL216 Datasheet HTML 27Page - Exar Corporation XRT83SL216 Datasheet HTML 28Page - Exar Corporation XRT83SL216 Datasheet HTML 29Page - Exar Corporation XRT83SL216 Datasheet HTML 30Page - Exar Corporation XRT83SL216 Datasheet HTML 31Page - Exar Corporation XRT83SL216 Datasheet HTML 32Page - Exar Corporation XRT83SL216 Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
xr
PRELIMINARY
XRT83SL216
REV. P1.0.3
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
27
TABLE 5: MICROPROCESSOR REGISTER DESCRIPTION
REG ADDR TYPE
D7
D6
D5
D4
D3
D2
D1
D0
Global Control Register for All 16 Channels (0x00h)
0
0x00
R/W
GIE
Reserved
SR/DR
CODE
FIFO
JABW
JASEL1
JASEL0
1
0x01
RO
INTS7
INTS6
INTS5
INTS4
INTS3
INTS2
INTS1
INTS0
2
0x02
RO
INTS15
INTS14
INTS13
INTS12
INTS11
INTS10
INTS9
INTS8
3
0x03
RO
Revision ID (See Bit Description)
4
0x04
RO
Device ID (See Bit Description)
5
0x05
RO
Device ID (See Bit Description)
Channel 0 Control Register (0x04h - 0x06h)
6
0x06
R/W
SRES_0 *
ARAOS_0
ATAOS_0
TAOS_0
RLAM_0
TXOE_0
RCLKinv_0
TCLKinv_0
7
0x07
R/W
Reserved
AISIE_0
DMOIE_0
RLOSIE_0
Reserved
Reserved
LPB1
LPB0
8
0x08
RUR/
RO
Reserved
AISIS_0
DMOIS_0
RLOSIS_0
Reserved
AISS_0
DMOS_0
RLOSS_0
Channel 1 Control Register (0x07h - 0x09h)
9
0x09
R/W
SRES_1 *
ARAOS_1
ATAOS_1
TAOS_1
RLAM_1
TXOE_1
RCLKinv_1
TCLKinv_1
10
0x0A
R/W
Reserved
AISIE_1
DMOIE_1
RLOSIE_1
Reserved
Reserved
LPB1
LPB0
11
0x0B
RUR/
RO
Reserved
AISIS_1
DMOIS_1
RLOSIS_1
Reserved
AISS_1
DMOS_1
RLOSS_1
Channel 2 Control Register (0x0Ah - 0x0Ch)
12
0x0C
R/W
SRES_2 *
ARAOS_2
ATAOS_2
TAOS_2
RLAM_2
TXOE_2
RCLKinv_2
TCLKinv_2
13
0x0D
R/W
Reserved
AISIE_2
DMOIE_2
RLOSIE_2
Reserved
Reserved
LPB1
LPB0
14
0X0E
RUR/
RO
Reserved
AISIS_2
DMOIS_2
RLOSIS_2
Reserved
AISS_2
DMOS_2
RLOSS_2
Channel 3 Control Register (0x0Dh - 0x0Fh)
15
0x0F
R/W
SRES_3 *
ARAOS_3
ATAOS_3
TAOS_3
RLAM_3
TXOE_3
RCLKinv_3
TCLKinv_3
16
0x10
R/W
Reserved
AISIE_3
DMOIE_3
RLOSIE_3
Reserved
Reserved
LPB1
LPB0
17
0x11
RUR/
RO
Reserved
AISIS_3
DMOIS_3
RLOSIS_3
Reserved
AISS_3
DMOS_3
RLOSS_3
Channel 4 Control Register (0x10h - 0x12h)
18
0x12
R/W
SRES_4 *
ARAOS_4
ATAOS_4
TAOS_4
RLAM_4
TXOE_4
RCLKinv_4
TCLKinv_4
19
0x13
R/W
Reserved
AISIE_4
DMOIE_4
RLOSIE_4
Reserved
Reserved
LPB1
LPB0
20
0x14
RUR/
RO
Reserved
AISIS_4
DMOIS_4
RLOSIS_4
Reserved
AISS_4
DMOS_4
RLOSS_4
Channel 5 Control Register (0x13h - 0x15h)
21
0x15
R/W
SRES_5 *
ARAOS_5
ATAOS_5
TAOS_5
RLAM_5
TXOE_5
RCLKinv_5
TCLKinv_5
22
0x16
R/W
Reserved
AISIE_5
DMOIE_5
RLOSIE_5
Reserved
Reserved
LPB1
LPB0
23
0x17
RUR/
RO
Reserved
AISIS_5
DMOIS_5
RLOSIS_5
Reserved
AISS_5
DMOS_5
RLOSS_5
Channel 6 Control Register (0x16h - 0x18h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com