Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST15S Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # ST15S
Description  15 AMP JACK ASSEMBLY. RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

ST15S Datasheet(HTML) 1 Page - Switchcraft, Inc.

  ST15S Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.61
40.8
0.375
9.53
REF
7/16-32 2A THREADS
HEX NUT
SEE NOTE 1
FLAT WASHER
SEE NOTE 1
0.399
10.12
FLAT
REF
0.088
2.22
HOLE
REF
0.625
15.88
REF
0.088
2.24
REF
O-RING
0.440±0.002
11.18±0.05
0.402±0.001
10.21±0.03
RECOMMENDED PANEL CUTOUT
NOTES:
MOUNTING HARDWARE SHIPPED UNASSEMBLED.
1.
RATED 15 AMP, 24 VOLT DC AT 105 C (CURRENT CARRY ONLY)
2.
WHEN USING 14 AWG STRANDED CONDUCTOR CABLE.
3. IP68 RATED WHEN MATED TO S15KS SERIES PLUGS.
4. THIS PRODUCT IS RoHS COMPLIANT.
A
ST15S
15 AMP JACK ASSEMBLY. RoHS
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
1. ALL DIMENSIONS IN INCHES [mm]
- TWO PLACE DECIMALS
0.02 [0.5]
- THREE PLACE DECIMALS
0.005 [0.13]
1
OF
1
SHEET
TJK
7/25/22
SRC
6-29-22
SRC
5-10-19
TJK
TJK
7/18/22
28515
A
APVD
CHKD
BY
DATE DRAWN
1.5:1
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
A
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - ST15S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ST15 ASTRODYNE-ST15 Datasheet
190Kb / 3P
Isolated and Regulated 15 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST15 ARCH-ST15 Datasheet
193Kb / 4P
Encapsulated DC-DC Converter
logo
FLEXTRAL
ST15 FLEXTRAL-ST15 Datasheet
1Mb / 1P
ST15 EPDM
V04.21
ST15-050BK FLEXTRAL-ST15-050BK Datasheet
1Mb / 1P
ST15 EPDM
V04.21
ST15-075BK FLEXTRAL-ST15-075BK Datasheet
1Mb / 1P
ST15 EPDM
V04.21
More results

Similar Description - ST15S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56004 NTE-NTE56004 Datasheet
20Kb / 2P
TRIAC, 15 Amp
NTE5673 NTE-NTE5673 Datasheet
19Kb / 2P
TRIAC - 15 Amp
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
127Kb / 2P
15 Amp Schottky Rectifier
logo
International Rectifier
MBRB1535CT IRF-MBRB1535CT Datasheet
34Kb / 3P
SCHOTTKY RECTIFIER 15 Amp
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826_07 Datasheet
133Kb / 2P
15 Amp schottky Rectifier
logo
List of Unclassifed Man...
TA-713 ETC2-TA-713 Datasheet
113Kb / 1P
combination insulated jack, rohs compliant
logo
Switchcraft, Inc.
2332B SWITCH-2332B Datasheet
73Kb / 1P
DUAL JACK BLOC ASSY, RoHS
logo
CINCON ELECTRONICS Corp...
SIPSMT15-05 CINCON-SIPSMT15-05 Datasheet
209Kb / 2P
15 AMP POL CONVERTERS
logo
Switchcraft, Inc.
J15CAP SWITCH-J15CAP Datasheet
112Kb / 1P
15 AMP JACK SEAL CAP
Rev. A
S15KS SWITCH-S15KS Datasheet
214Kb / 1P
15 AMP SEALED PLUG, RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com