Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAG-PB-G4F-R4 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # VAG-PB-G4F-R4
Description  AS-Interface gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VAG-PB-G4F-R4 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  VAG-PB-G4F-R4 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VAG-PB-G4F-R4 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS-Interface gateway
VAG-PB-G4F-R4
1
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model number
VAG-PB-G4F-R4
PROFIBUS gateway IP65
Features
• AS-Interface certificate
• AS-Interface connection via flat cable
and EMS standard bottom section (in-
cluded delivery)
• Degree of protection IP65
• Voltage supply from AS-Interface
• Connection to PROFIBUS DP
• Commissioning, without PROFIBUS
communication
• All AS-Interface functions possible via
PROFIBUS
• PLC functionality
• Error diagnostics via LEDs and LC
display
• Parameterization and monitor softwa-
re
Dimensions
Electrical connection
Indicating / Operating means
90
31
PE
Screen
RxD/TxD-P
RxD/TxD-N
GND
+5 V
Power supply for
terminating resistor
Buttons
Cage clamp
terminal block
DIP-
switch
µP
1 2 3 4 5
6 7 8 9 10
.
.
.
1
6
2
7
3
8
4
9
5
10
Mode Set
AS-Interface +
AS-Interface -
VAG-PB-G4F-R4
PWRBUS
A
CTIVE
CONF
.ERR.
U AS-i
AS-i
A
CTIVE
PRG ENABLE
PRJ MODE


Similar Description - VAG-PB-G4F-R4

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VBG-ENX-K20-D-EV24 PF-VBG-ENX-K20-D-EV24 Datasheet
819Kb / 4P
AS-Interface gateway
VBG-ENX-K20-DMD-EV PF-VBG-ENX-K20-DMD-EV Datasheet
1,000Kb / 4P
AS-Interface gateway
VBG-CAN-K5-D PF-VBG-CAN-K5-D Datasheet
238Kb / 2P
AS-Interface gateway
VBG-MOD-K20-D PF-VBG-MOD-K20-D Datasheet
276Kb / 2P
AS-Interface gateway
VBG-PB-K20-D-EV1 PF-VBG-PB-K20-D-EV1 Datasheet
328Kb / 2P
AS-Interface gateway
VBG-PB-K20-DMD-EV PF-VBG-PB-K20-DMD-EV Datasheet
332Kb / 2P
AS-Interface gateway
VBG-PB-K25 PF-VBG-PB-K25 Datasheet
263Kb / 2P
AS-Interface gateway
VBG-PN-K20-D-BV PF-VBG-PN-K20-D-BV Datasheet
307Kb / 2P
AS-Interface gateway
VBG-PN-K20-D-EV24 PF-VBG-PN-K20-D-EV24 Datasheet
311Kb / 2P
AS-Interface gateway
VBG-EP1-KE5-D PF-VBG-EP1-KE5-D Datasheet
1Mb / 3P
AS-Interface gateway
2022-10-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com