Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAG-PB-G4F-R4 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # VAG-PB-G4F-R4
Description  AS-Interface gateway
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VAG-PB-G4F-R4 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  VAG-PB-G4F-R4 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VAG-PB-G4F-R4 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VAG-PB-G4F-R4
AS-Interface gateway
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
2
Function
The VAG-PB-G4F-R4 is a complete PROFI-
BUS slave designed for use in the field. The
G4 field housing of the PROFIBUS gateway
offers all the advantages of the serial master
in this design.
Two operating modes are available for the
exchange of data across PROFIBUS DP:
standard and expanded. In standard mode
the gateway uses a fixed I/O configuration so
that it can be put into operation without additi-
onal parameter assignment. In expanded
mode the data structure can be optimised,
enabling the user to define the data size sent
to the PROFIBUS master. Owing to the
reduction of required data, less I/O space is
needed in the PLC. Two push buttons are
used for address assignment, acceptance of
the desired configuration, adjustment of the
PROFIBUS address and baud rate. In confi-
guration mode, all detected AS-Interface sla-
ves are displayed on the 2-digit LCD. In
normal operation, the LCD is blank unless the
master detects a faulty AS-Interface
slave.There are 7 LEDs on the front panel,
showing the current status of the AS-Interface
line.
PLC Functionality
The VAG-PB-G4F-R4 provides 16 kByte pro-
gram memory, 8 kByte RAM, 1024 counters
and 1024 timers for PLC functionality. These
capacities suffice to process data on the AS-
Interface. Thus the master can also be opera-
ted in "stand-alone" mode. The program pro-
cessing time is 2ms per 1000word
commands. The programming language is
based on the STEP5® programming langu-
age. The AS-Interface CTRL functions
(upload, download, start, stop, read and write
internal memory) are available in expanded
mode.
Accessories
VAZ-SW-ACT32
Full version of the AS-I Control Tools in-
cluding connection cable
VAZ-PB-SIM
PROFIBUS master simulator
VAZ-G4-R4
Interface cable for direct connection of
the master to a PC
U-G1P
AS-Interface module mounting base for
connection to round cable (AS-Interface)
VAZ-G4-B
Blind plug PG7
VAZ-G4-B1
Blind plug M12
Note
U-G1F
base is included with delivery
Technical data
General specifications
AS-Interface specification
V2.0
PLC-Functionality
integrated
Diagnostics function
integrated
Functional safety related parameters
MTTFd
140 a at 30 °C
Indicators/operating means
Display
LED display, 2 digits, for addressing and error messages
LED BUS ACTIVE
PROFIBUS master detected; LED green
LED AS-i ACTIVE
AS-Interface operation normal; LED green
LED CONFIG ERR
configuration error; LED red
LED PWR
voltage ON; LED green
LED PRG ENABLE
autom. programming; LED green
LED PRG MODE
projecting mode active; LED yellow
LED U AS-i
AS-Interface voltage; LED green
Switch SET
Selection and setting of a slave address
Button MODE
Mode selection/save configuration
Electrical specifications
Insulation voltage
Ui
≥ 500 V
Rated operating voltage
Ue
from AS-Interface
Rated operating current
Ie
≤ 180 mA from AS-Interface
Interface
Interface type
RS-485
Protocol
PROFIBUS
Transfer rate
9.6; 19.2; 44.44; 93.95; 187.5; 500; 1500 kBit/s self-synchroni-
zing
Connection
PROFIBUS
Cable gland M16 x 1.5 and cage spring terminals
AS-Interface
cable piercing technology
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 62026-2:2013
Standard conformity
Degree of protection
EN 60529:2000
AS-Interface
EN 62026-2:2013
Ambient conditions
Ambient temperature
0 ... 55 °C (32 ... 131 °F)
Storage temperature
-25 ... 85 °C (-13 ... 185 °F)
Mechanical specifications
Degree of protection
IP65
Material
Housing
PA 6 GF30
Mass
420 g
Construction type
Plastic housing with cable gland



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com