Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952011 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS952011
Description  Programmable Timing Control Hub for P4 processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952011 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS952011 Datasheet HTML 9Page - Integrated Circuit Systems ICS952011 Datasheet HTML 10Page - Integrated Circuit Systems ICS952011 Datasheet HTML 11Page - Integrated Circuit Systems ICS952011 Datasheet HTML 12Page - Integrated Circuit Systems ICS952011 Datasheet HTML 13Page - Integrated Circuit Systems ICS952011 Datasheet HTML 14Page - Integrated Circuit Systems ICS952011 Datasheet HTML 15Page - Integrated Circuit Systems ICS952011 Datasheet HTML 16Page - Integrated Circuit Systems ICS952011 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS952011
0721A—07/29/03
I
2C Table: Reserved Register
Control
Function
Bit 7
Reserved
Reserved
RW
-
-
1
Bit 6
Reserved
Reserved
RW
-
-
1
Bit 5
Reserved
Reserved
RW
-
-
1
Bit 4
Reserved
Reserved
RW
-
-
1
Bit 3
Reserved
Reserved
RW
-
-
1
Bit 2
Reserved
Reserved
RW
-
-
1
Bit 1
Reserved
Reserved
RW
-
-
1
Bit 0
Reserved
Reserved
RW
-
-
1
I
2C Table: Frequency Select Register
Control
Function
Bit 7
FS3
Freq Select Bit 7
RW
0
Bit 6
FS2
Freq Select Bit 6
RW
0
Bit 5
FS1
Freq Select Bit 5
RW
0
Bit 4
FS0
Freq Select Bit 4
RW
0
Bit 3
FS Source
Frequency HW/IIC Select
RW
Latch Input
IIC
0
Bit 2
FS4
Freq Select Bit 2
RW
0
Bit 1
SS_EN
Spread Enable
RW
OFF
ON
1
Bit 0
Outputs
Output Control
RW
Running
Tri-state
0
I
2C Table: Read Back Register
Control
Function
Bit 7
WDHRB
WD Hard Alarm Status
Read back
RNormal
Alarm
X
Bit 6
WDSRB
WD Soft Alarm Status
Read back
RNormal
Alarm
X
Bit 5
MULTISEL
Multisel Read back
R
-
-
X
Bit 4
FS4RB
FS4 Read back
R
-
-
X
Bit 3
FS3RB
FS3 Read back
R
-
-
X
Bit 2
FS2RB
FS2 Read back
R
-
-
X
Bit 1
FS1RB
FS1 Read back
R
-
-
X
Bit 0
FS0RB
FS0 Read back
R
-
-
X
I
2C Table: Output Control Register
Control
Function
Bit 7
ZCLK_1
Output Control
RW
Disable
Enable
1
Bit 6
ZCLK_0
Output Control
RW
Disable
Enable
1
Bit 5
PCI_F0
PCI_STOP# Control
RW
Stop Disable
Stop Enable
0
Bit 4
PCI_F1
PCI_STOP# Control
RW
Stop Disable
Stop Enable
0
Bit 3
CPUT0/C0
CPU_STOP# Control
RW
Stop Disable
Stop Enable
1
Bit 2
CPUT1/C1
CPU_STOP# Control
RW
Stop Disable
Stop Enable
1
Bit 1
CPUT0/C0
Output Control
RW
Disable
Enable
1
Bit 0
CPUT1/C1
Output Control
RW
Disable
Enable
1
01
01
0
0
PWD
PWD
1
1
Type
PWD
PWD
Name
Type
See Table1 : Quad Rom
Frequency Selection Table
See Table1
Type
Byte 3
Pin #
-
-
-
-
-
-
-
-
Name
Type
Byte 4
Pin #
-
-
-
-
-
-
-
Byte 5
Pin #
Name
-
-
-
-
-
-
-
-
Name
9
40, 39
44, 43
14
15
10
Byte 6
Pin #
40, 39
44, 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com